Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLD304XT Datasheet (PDF) - Sony Corporation

SLD304XT Datasheet PDF - Sony Corporation
Part # SLD304XT
Download  SLD304XT Download
File Size   100.49 Kbytes
Page   8 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 1000mW High Power Laser Diode

SLD304XT Datasheet (PDF)

Go To PDF Page Download Datasheet
SLD304XT Datasheet PDF - Sony Corporation

Part # SLD304XT
Download  SLD304XT Click to download

File Size   100.49 Kbytes
Page   8 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 1000mW High Power Laser Diode

SLD304XT Datasheet (HTML) - Sony Corporation


SLD304XT Product details

Description

The SLD304XT allows independent thermal and electric design.

This laser diode has a built-in TE (Thermo Electric) cooler.



Features

• High power

   Recommended optical power output Po = 900mW

• Low operating current

• Flat Package with built-in photodiode, TE cooler and thermistor



Applications

• Solid state laser excitation

• Medical use



 




Similar Part No. - SLD304XT

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD304B SONY-SLD304B Datasheet
64Kb / 7P
Block-type 1000mW High Power Laser Diode
SLD304V SONY-SLD304V Datasheet
156Kb / 7P
1000mW High Power Laser Diode?
SLD304V-1 SONY-SLD304V-1 Datasheet
156Kb / 7P
1000mW High Power Laser Diode?
SLD304V-2 SONY-SLD304V-2 Datasheet
156Kb / 7P
1000mW High Power Laser Diode?
SLD304V-21 SONY-SLD304V-21 Datasheet
156Kb / 7P
1000mW High Power Laser Diode?
More results


Similar Description - SLD304XT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
High Power Laser Diode
logo
Sony Corporation
SLD304B SONY-SLD304B Datasheet
64Kb / 7P
Block-type 1000mW High Power Laser Diode
SLD304V SONY-SLD304V Datasheet
156Kb / 7P
1000mW High Power Laser Diode?
logo
DB Lectro Inc
8013-2323-AU DBLECTRO-8013-2323-AU Datasheet
67Kb / 1P
808nm 1000mW IR Laser Diodes AUTO PACKAGE
logo
Opnext. Inc.
HL6501MG OPNEXT-HL6501MG Datasheet
93Kb / 4P
Visible High Power Laser Diode
logo
Roithner LaserTechnik G...
RLCO-830-1000G ROITHNER-RLCO-830-1000G Datasheet
239Kb / 3P
High Power Infrared Laser Diode
RLCO-940-1000-TO3 ROITHNER-RLCO-940-1000-TO3 Datasheet
122Kb / 3P
High Power Infrared Laser Diode
RLCO-1064-2000-TO3 ROITHNER-RLCO-1064-2000-TO3 Datasheet
122Kb / 3P
High Power Infrared Laser Diode
RLT635_100G ROITHNER-RLT635_100G Datasheet
109Kb / 2P
High Power Visible Laser Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com