Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9511 Datasheet (PDF) - Richtek Technology Corporation

RT9511 Datasheet PDF - Richtek Technology Corporation
Part # RT9511
Download  RT9511 Download
File Size   525.22 Kbytes
Page   24 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Fully Integrated Battery Charger with Two Step-Down Converters

RT9511 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9511 Datasheet PDF - Richtek Technology Corporation

Part # RT9511
Download  RT9511 Click to download

File Size   525.22 Kbytes
Page   24 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Fully Integrated Battery Charger with Two Step-Down Converters

RT9511 Datasheet (HTML) - Richtek Technology Corporation


RT9511 Product details

General Description
The RT9511 is a fully integrated low cost solution with a single-cell Li-Ion battery charger and two high efficiency step-down DC/DC converters ideal for portable applications.

Features
● Battery Charger
    ► Automatic Input Supplies Selection
    ► 18V Maximum Rating for AC Adapter
    ► Integrated Selectable 100mA and 500mA USB Charge Current
    ► Internal Integrated Power FETs
    ► Charge Status Indicator
    ► External Capacitor Programmable Safety Timer
    ► Under Voltage Protection
    ► Over Voltage Protection
    ► Automatic Recharge Feature
    ► Battery Temperature Monitoring
    ► Thermal Feedback Optimizing Charge Rate
    ► Power Path Controller
● Step-Down DC/DC Converter
    ► Adjustable Output from 0.6V to VIN
    ► 1A Output Current
    ► 95% Efficiency
    ► No Schottky Diode Required
    ► 1.5MHz Fixed-Frequency PWM Operation
● Small 24-Lead WQFN Package
● RoHS Compliant and Halogen Free

Applications
● MP3/MP4 Player
● GPS
● Digital Photo Frame
● Hand held Device




Similar Part No. - RT9511

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9513 RICHTEK-RT9513 Datasheet
207Kb / 9P
Linear Single Cell Li-Ion Battery Charger IC
RT9513GQW RICHTEK-RT9513GQW Datasheet
207Kb / 9P
Linear Single Cell Li-Ion Battery Charger IC
RT9514 RICHTEK-RT9514 Datasheet
166Kb / 10P
Linear Single Cell Li-Ion Battery Charger IC
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
RT9516 RICHTEK-RT9516 Datasheet
218Kb / 11P
Linear Single Cell Li-lon Battery Charger with Single Input Supply for Portable Applications
More results


Similar Description - RT9511

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1870AETJ MAXIM-MAX1870AETJ Datasheet
1Mb / 32P
Step-Up/Step-Down Li Battery Charger
Rev 0; 4/04
logo
Semtech Corporation
SC802 SEMTECH-SC802 Datasheet
748Kb / 16P
Fully Integrated Lithium-Ion Battery Charger System with Timer
SC804 SEMTECH-SC804 Datasheet
536Kb / 21P
Fully Integrated Lithium-Ion Battery Charger System with Timer
SC802 SEMTECH-SC802_08 Datasheet
639Kb / 18P
Fully Integrated Lithium-Ion Battery Charger System with Timer
logo
Maxim Integrated Produc...
MAX1870 MAXIM-MAX1870 Datasheet
509Kb / 32P
Step-Up/Step-Down Li Battery Charger
Rev 1; 9/05
MAX20002 MAXIM-MAX20002 Datasheet
550Kb / 18P
Integrated Step-Down Converters
Rev 1; 5/14
logo
ON Semiconductor
NCP1854 ONSEMI-NCP1854 Datasheet
622Kb / 27P
Fully Integrated Li-Ion Switching Battery Charger
September, 2014 ??Rev. 4
NCP1855 ONSEMI-NCP1855 Datasheet
341Kb / 26P
Fully Integrated Li-Ion Switching Battery Charger
August, 2014 ??Rev. P1
NCP1850 ONSEMI-NCP1850 Datasheet
269Kb / 30P
Fully Integrated Li-Ion Switching Battery Charger
May, 2013 ??Rev. 1
logo
Maxim Integrated Produc...
MAX1870A MAXIM-MAX1870A Datasheet
1Mb / 33P
Step-Up/Step-Down Li Battery Charger
2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com