Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLD343YT Datasheet (PDF) - Sony Corporation

SLD343YT Datasheet PDF - Sony Corporation
Part # SLD343YT
Download  SLD343YT Download
File Size   75.57 Kbytes
Page   3 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 4W High Power Laser Diode

SLD343YT Datasheet (PDF)

Go To PDF Page Download Datasheet
SLD343YT Datasheet PDF - Sony Corporation

Part # SLD343YT
Download  SLD343YT Click to download

File Size   75.57 Kbytes
Page   3 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 4W High Power Laser Diode

SLD343YT Datasheet (HTML) - Sony Corporation


SLD343YT Product details

Description
The SLD343YT has a compatible package, and allows independent thermal and electric design.
It is a high power laser diode that affords easy optical design.

Features
• High-optical power output Recommended optical power output: PO = 4.0W
• High-optical power density: 4W/200µm (Emitting line width)

Applications
• Solid state laser excitation
• Medical use
• Material processing
• Measurement




Similar Part No. - SLD343YT

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD342YT SONY-SLD342YT Datasheet
75Kb / 3P
2W High Power Laser Diode
SLD342YT-1 SONY-SLD342YT-1 Datasheet
75Kb / 3P
2W High Power Laser Diode
SLD342YT-2 SONY-SLD342YT-2 Datasheet
75Kb / 3P
2W High Power Laser Diode
SLD342YT-21 SONY-SLD342YT-21 Datasheet
75Kb / 3P
2W High Power Laser Diode
SLD342YT-24 SONY-SLD342YT-24 Datasheet
75Kb / 3P
2W High Power Laser Diode
More results


Similar Description - SLD343YT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
High Power Laser Diode
logo
Sony Corporation
SLD326YT SONY-SLD326YT Datasheet
89Kb / 4P
4W High Power Laser Diode
logo
Opnext. Inc.
HL6501MG OPNEXT-HL6501MG Datasheet
93Kb / 4P
Visible High Power Laser Diode
logo
Bookham, Inc.
MU4-940-04 BOOKHAM-MU4-940-04 Datasheet
209Kb / 3P
4W 940nm Uncooled Multimode Laser Diode Module
logo
Sony Corporation
SLD335YT SONY-SLD335YT Datasheet
60Kb / 4P
4W High Power Laser Diode
logo
Roithner LaserTechnik G...
RLCO-830-1000G ROITHNER-RLCO-830-1000G Datasheet
239Kb / 3P
High Power Infrared Laser Diode
RLCO-940-1000-TO3 ROITHNER-RLCO-940-1000-TO3 Datasheet
122Kb / 3P
High Power Infrared Laser Diode
logo
Lumics GmbH
LU0785T040 LUMICS-LU0785T040 Datasheet
264Kb / 2P
Industrial Laser Diode Up to 4w Operation Power @ 785nm
2018-06-14
LU0808T040 LUMICS-LU0808T040 Datasheet
264Kb / 2P
Industrial Laser Diode Up to 4w Operation Power @ 808nm
2018-06-14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com