Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BR2 Datasheet (PDF) - GETAI ELECTRONICS DEVICE CO., LTD

BR2 Datasheet PDF - GETAI ELECTRONICS DEVICE CO., LTD
Part # BR2
Download  BR2 Download
File Size   68.92 Kbytes
Page   1 Pages
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD
Description 2.0kV 2.0A HIGH VOLTAGE DIODES

BR2 Datasheet (PDF)

Go To PDF Page Download Datasheet
BR2 Datasheet PDF - GETAI ELECTRONICS DEVICE CO., LTD

Part # BR2
Download  BR2 Click to download

File Size   68.92 Kbytes
Page   1 Pages
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD
Description 2.0kV 2.0A HIGH VOLTAGE DIODES

BR2 Datasheet (HTML) - GETAI ELECTRONICS DEVICE CO., LTD




Similar Part No. - BR2

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
BR2-1.3 PANDUIT-BR2-1.3 Datasheet
149Kb / 2P
STACKABLE CABLE RACK SPACERS
2001
BR2-1.3-A PANDUIT-BR2-1.3-A Datasheet
149Kb / 2P
STACKABLE CABLE RACK SPACERS
2001
BR2-1.3-A-X PANDUIT-BR2-1.3-A-X Datasheet
146Kb / 1P
Bundle Retainers
BR2-1.3-X PANDUIT-BR2-1.3-X Datasheet
146Kb / 1P
Bundle Retainers
BR2-1.3-X PANDUIT-BR2-1.3-X Datasheet
485Kb / 5P
Quick-Build™ Harness Board System
1/2016
More results


Similar Description - BR2

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
BR2F GETEDZ-BR2F Datasheet
68Kb / 1P
2.0kV 1.0A HIGH VOLTAGE DIODES
HVRM2 GETEDZ-HVRM2 Datasheet
71Kb / 1P
2.0kV 3.5A HIGH VOLTAGE DIODE
HVRW2 GETEDZ-HVRW2 Datasheet
71Kb / 1P
2.0kV 1.5A HIGH VOLTAGE DIODE
BR02-BR2 GETEDZ-BR02-BR2 Datasheet
68Kb / 1P
2.0kV 2.0A HIGH VOLTAGE DIODES
BR02 GETEDZ-BR02 Datasheet
520Kb / 2P
1.0A 2.0kV -High Voltage Medium and High Current Diodes
BR2F GETEDZ-BR2F_17 Datasheet
526Kb / 2P
900mA 2.0kV 100nS -High Voltage Medium and High Current Diodes
HVRM2 GETEDZ-HVRM2_17 Datasheet
520Kb / 2P
3.5A 2.0kV -High Voltage High Current Diodes
HVRW2 GETEDZ-HVRW2_17 Datasheet
530Kb / 2P
1.5A 2.0kV 150nS -High Voltage High Current Diodes
ESJA02-02S GETEDZ-ESJA02-02S_17 Datasheet
460Kb / 1P
20mA 2.0kV 100nS SUBMINIATURE HIGH VOLTAGE DIODES
NV20FP GETEDZ-NV20FP Datasheet
460Kb / 1P
20mA 2.0kV 100nS SUBMINIATURE HIGH VOLTAGE DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com