Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W55F10 Datasheet (PDF) - Winbond

W55F10 Datasheet PDF - Winbond
Part # W55F10
Download  W55F10 Download
File Size   75.36 Kbytes
Page   7 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description SERIAL FLASH EEPROM SERIES

W55F10 Datasheet (PDF)

Go To PDF Page Download Datasheet
W55F10 Datasheet PDF - Winbond

Part # W55F10
Download  W55F10 Click to download

File Size   75.36 Kbytes
Page   7 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description SERIAL FLASH EEPROM SERIES

W55F10 Datasheet (HTML) - Winbond


W55F10 Product details

GENERAL DESCRIPTION
The W55FXX is a serial input/output flash EEPROM series that is typically used as the memory cell of a W51300 (voice recorder controller) or the ROM code emulator for the PowerSpeechTM series. The single voltage supply eliminates the need for an extra pump circuit during programming and erasing.

FEATURES
• Provides CLK, ADDR, and DATA pins to operate with Winbond PowerSpeechTM series
• 512K/1M/2M memory sizes available
• Directly cascadable for longer duration
• Fast frame-write operation
    − Frame (32 bits) program cycle time: 400 µS (typ.)
• Fast whole-chip-erase duration: 50 mS (max.)
• Read data access time: 500 nS (max.)
• Program/erase cycles: 10,000 (typ.)
• Data retention: 10 years (typ.)
• Low power consumption:
    − Operating: 5 mA (typ.)
    − Standby: 2 µA (typ.)




Similar Part No. - W55F10

ManufacturerPart #DatasheetDescription
logo
Winbond
W55F10A WINBOND-W55F10A Datasheet
203Kb / 12P
Serial Flash Memory
May 02, 2006 Revision A1.8
W55F10BG WINBOND-W55F10BG Datasheet
203Kb / 12P
Serial Flash Memory
May 02, 2006 Revision A1.8
More results


Similar Description - W55F10

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G256-3 ROHM-BR24G256-3 Datasheet
490Kb / 33P
Serial EEPROM Series Standard EEPROM
BR24G01-3A ROHM-BR24G01-3A Datasheet
846Kb / 36P
Serial EEPROM series Standard EEPROM
BR25H040-2C ROHM-BR25H040-2C Datasheet
1Mb / 35P
Serial EEPROM Series Automotive EEPROM
BR25H160-2C ROHM-BR25H160-2C Datasheet
1Mb / 35P
Serial EEPROM Series Automotive EEPROM
BR25H640-2C ROHM-BR25H640-2C Datasheet
952Kb / 34P
Serial EEPROM Series Automotive EEPROM
BR93G46-3A ROHM-BR93G46-3A Datasheet
943Kb / 39P
Serial EEPROM series Standard EEPROM
BR24A01AF-WME2 ROHM-BR24A01AF-WME2 Datasheet
705Kb / 31P
Serial EEPROM Series Automotive EEPROM
BR93H56RF-2LB ROHM-BR93H56RF-2LB Datasheet
927Kb / 28P
Serial EEPROM Series Industrial EEPROM Serial EEPROM Series Industrial EEPROM
BR25G512-3 ROHM-BR25G512-3 Datasheet
833Kb / 33P
Serial EEPROM Series Standard EEPROM
BRCF016GWZ-3 ROHM-BRCF016GWZ-3 Datasheet
499Kb / 28P
Serial EEPROM Series Standard EEPROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com