Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W741C260 Datasheet (PDF) - Winbond

W741C260 Datasheet PDF - Winbond
Part # W741C260
Download  W741C260 Download
File Size   488.42 Kbytes
Page   92 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 4-BIT MICROCONTROLLER

W741C260 Datasheet (PDF)

Go To PDF Page Download Datasheet
W741C260 Datasheet PDF - Winbond

Part # W741C260
Download  W741C260 Click to download

File Size   488.42 Kbytes
Page   92 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 4-BIT MICROCONTROLLER

W741C260 Datasheet (HTML) - Winbond


W741C260 Product details

GENERAL DESCRIPTION
The W741C260 is a high-performance 4-bit microcontroller (mC) with an LCD driver. The device contains a 4-bit ALU, two 8-bit timers, two dividers, a 32 ´ 4 LCD driver, and five 4-bit I/O ports (including 1 output port to drive the LEDs). There are also five interrupt sources and 8-level subroutine nesting for interrupt applications. The W741C260 has two power reduction modes, hold mode and stop mode, which help to minimize power dissipation.

FEATURES
● Operating voltage: 2.2V to 5.5V (LCD drive voltage: 3.0V, or 4.5V)
● Operating frequency up to 4 MHz
● Crystal/RC oscillation circuit selectable by code option for system clock
● 32.768 KHz crystal oscillation circuit for sub-oscillator
● High-frequency clock (400 KHz to 4 MHz) or low-frequency clock (32.768 KHz) for crystal mode; selectable by code option
● Memory
   - 2048 ´ 16 bit program ROM (including 2K ´ 4 bit look-up table)
   - 128 ´ 4 bit data RAM (including 16 working registers)
   - 32 ´ 4 LCD data RAM
● 21 input/output pins
   - Ports for input only: 2 ports/8 pins
   - Input/output ports: 2 ports/8 pins
   - Port for output only: 1 port /4 pins (high sink current to drive LEDs)
   - MFP output pin: 1 pin (MFP)
● Power-down mode
   - Hold function: no operation (except for oscillator)
   - Stop function: no operation (including main oscillator)
● Five types of interrupts
   - Four internal interrupts (Divider 0, Divider 1, Timer 0, Timer 1)
   - One external interrupt (Port RC)
● LCD driver output
   - 32 segment ´ 4 common
   - Static, 1/2 duty (1/2 bias), 1/3 duty (1/2 or 1/3 bias), 1/4 duty (1/3 bias) driving mode can be selected
   - LCD driver output pins can be used as DC output ports; selectable by code option
● MFP output pin
   - Output is software selectable as modulating or nonmodulating frequency
   - Works as frequency output specified by Timer 1
● Two built-in 14-bit clock frequency divider circuit (divider 0 and divider 1)
● Two built-in 8-bit programmable countdown timers
   - Timer 0: one of two internal clock frequencies (FOSC/4 or FOSC/1024) can be selected
   - Timer 1: includes an auto-reload function; and one of two internal clock frequencies (FOSC or FOSC/64) can be selected or falling edge of pin RC.0 can be selected (output through MFP pin)
● Built-in 18/14-bit watchdog timer selectable for system reset
● Powerful instruction set: 118 instructions
● 8-level subroutine (include interrupt) nesting
● Up to 1 mS instruction cycle (with 4 MHz operating frequency)
● Packaged in 80-pin QFP




Similar Part No. - W741C260

ManufacturerPart #DatasheetDescription
logo
Winbond
W741C20X WINBOND-W741C20X Datasheet
486Kb / 84P
4-BIT MICROCONTROLLER
More results


Similar Description - W741C260

ManufacturerPart #DatasheetDescription
logo
Winbond
W741C20X WINBOND-W741C20X Datasheet
486Kb / 84P
4-BIT MICROCONTROLLER
W741L260 WINBOND-W741L260 Datasheet
480Kb / 90P
4-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM73982 EMC-EM73982 Datasheet
216Kb / 41P
4-BIT MICROCONTROLLER
EM73PE00 EMC-EM73PE00 Datasheet
722Kb / 51P
4-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HTG12B0 HOLTEK-HTG12B0 Datasheet
212Kb / 33P
4-Bit Microcontroller
September 8, 1999
logo
Winbond
W742C811 WINBOND-W742C811 Datasheet
23Kb / 2P
4-BIT MICROCONTROLLER
W742S81A WINBOND-W742S81A Datasheet
242Kb / 47P
4 BIT MICROCONTROLLER
logo
List of Unclassifed Man...
TM8704 ETC-TM8704 Datasheet
75Kb / 8P
4 Bit Microcontroller
logo
Winbond
W742E816 WINBOND-W742E816 Datasheet
518Kb / 58P
4-BIT MICROCONTROLLER
W541C250 WINBOND-W541C250 Datasheet
196Kb / 10P
4-BIT MICROCONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com