Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W742C810 Datasheet (PDF) - Winbond

W742C810 Datasheet PDF - Winbond
Part # W742C810
Download  W742C810 Download
File Size   501.69 Kbytes
Page   42 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 4-BIT MICROCONTROLLER

W742C810 Datasheet (PDF)

Go To PDF Page Download Datasheet
W742C810 Datasheet PDF - Winbond

Part # W742C810
Download  W742C810 Click to download

File Size   501.69 Kbytes
Page   42 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 4-BIT MICROCONTROLLER

W742C810 Datasheet (HTML) - Winbond


W742C810 Product details

GENERAL DESCRIPTION
The W742C810 is a high-performance 4-bit microcontroller (mC) that provides an LCD driver. The device contains a 4-bit ALU, two 8-bit timers, two dividers (for two oscillators) in dual-clock operation, a 40 ´ 4 LCD driver, six 4-bit I/O ports (including 1 output port for LED driving), and one channel DTMF generator. There are also five interrupt sources and 8-level subroutine nesting for interrupt applications. The W742C810 operates on very low current and has one power reduction mode, that is the dual-clock slow operation, which helps to minimize power dissipation.

FEATURES
● Operating voltage: 2.4V-3.6V
● Dual-clock operation
● Main oscillator
   - Connect to 3.58 MHz crystal only
● Sub-oscillator
   - Connect to 32768 Hz crystal only
● Memory
   - 8192 x 16 bit program ROM (including 32K x 4 bit look-up table)
   - 1024 x 4 bit data RAM (including 16 nibbles x 16 pages working registers)
   - 40 x 4 LCD data RAM
● 24 input/output pins
   - Port for input only: 1 ports/4 pins
   - Input/output ports: 3 ports/12 pins
   - High sink current output port for LED driving: 1 port /4 pins
   - Port for output only: 1 port/ 4 pins
● Power-down mode
   - Hold function: no operation (main oscillator and sub-oscillator still operate)
   - Stop function: no operation (only main oscillator stops but sub-oscillator still operates)
   - Dual-clock slow mode: system is operated by the sub-oscillator (FOSC = Fs and Fm is stopped)
● Five types of interrupts
   - Four internal interrupts (Divider0, Divider1, Timer 0, Timer 1)
   - One external interrupt (RC Port)
● LCD driver output
   - 40 segments x 4 commons
   - 1/4 duty 1/3 bias driving mode
   - Clock source should be the sub-oscillator clock in the dual-clock operation mode
● MFP output pin
   - Output is software selectable as modulating or nonmodulating frequency
   - Works as frequency output specified by Timer 1
● DTMF output pin
   - Output is one channel Dual Tone Multi-frequency signal for dialling
● Two built-in 14-bit frequency dividers
   - Divider0: the clock source is the output of the main oscillator
   - Divider1: the clock source is the output of the sub-oscillator
● Two built-in 8-bit programmable countdown timers
   - Timer 0: one of two internal clock frequencies (FOSC/4 or FOSC/1024) can be selected
   - Timer 1: with auto-reload function, and one of three internal clock frequencies (FOSC, FOSC/64 or Fs) can be selected by MR1 register; the specified frequency can be delivered to MFP pin
● Built-in 18/15-bit watchdog timer selectable for system reset; enable the watch dog timer or not is determined by code option
● Powerful instruction set: 131 instructions
● 8-level subroutine (include interrupt) nesting




Similar Part No. - W742C810

ManufacturerPart #DatasheetDescription
logo
Winbond
W742C811 WINBOND-W742C811 Datasheet
23Kb / 2P
4-BIT MICROCONTROLLER
W742C813 WINBOND-W742C813 Datasheet
455Kb / 56P
4 BIT MICROCONTROLLER
W742C814 WINBOND-W742C814 Datasheet
704Kb / 46P
4 BIT MICROCONTROLLER
W742C816 WINBOND-W742C816 Datasheet
518Kb / 58P
4-BIT MICROCONTROLLER
W742C81A WINBOND-W742C81A Datasheet
567Kb / 45P
4-BIT MICROCONTROLLER
More results


Similar Description - W742C810

ManufacturerPart #DatasheetDescription
logo
Winbond
W741C20X WINBOND-W741C20X Datasheet
486Kb / 84P
4-BIT MICROCONTROLLER
W741L260 WINBOND-W741L260 Datasheet
480Kb / 90P
4-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM73982 EMC-EM73982 Datasheet
216Kb / 41P
4-BIT MICROCONTROLLER
EM73PE00 EMC-EM73PE00 Datasheet
722Kb / 51P
4-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HTG12B0 HOLTEK-HTG12B0 Datasheet
212Kb / 33P
4-Bit Microcontroller
September 8, 1999
logo
Winbond
W742C811 WINBOND-W742C811 Datasheet
23Kb / 2P
4-BIT MICROCONTROLLER
W742S81A WINBOND-W742S81A Datasheet
242Kb / 47P
4 BIT MICROCONTROLLER
logo
List of Unclassifed Man...
TM8704 ETC-TM8704 Datasheet
75Kb / 8P
4 Bit Microcontroller
logo
Winbond
W742E816 WINBOND-W742E816 Datasheet
518Kb / 58P
4-BIT MICROCONTROLLER
W541C250 WINBOND-W541C250 Datasheet
196Kb / 10P
4-BIT MICROCONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com