Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0273.031V Datasheet (PDF) - Littelfuse

0273.031V Datasheet PDF - Littelfuse
Part # 0273.031V
Download  0273.031V Download
File Size   161.0 Kbytes
Page   3 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 272/273/274/278/279 Series, MICRO??Very Fast-Acting Fuse

0273.031V Datasheet (PDF)

Go To PDF Page Download Datasheet
0273.031V Datasheet PDF - Littelfuse

Part # 0273.031V
Download  0273.031V Click to download

File Size   161.0 Kbytes
Page   3 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 272/273/274/278/279 Series, MICRO??Very Fast-Acting Fuse

0273.031V Datasheet (HTML) - Littelfuse


0273.031V Product details

Description
Developed originally for the U.S. Space Program, MICRO™ fuse provides reliability in a compact design. The MICRO™ fuse is available in plug–in or radial lead styles and a complete range of ampere ratings from 1/500 to 5A to suit a wide variety of design needs.

Features
• Military grade available
• High breaking capacity
• Clear cover option to view fuse element status
• Available from very low ampere of 2mA to 5A
• Plug-in with short or long leads option

Applications
• Printed circuit boards and similar equipment
• Electronic components




Similar Part No. - 0273.031V

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
0273 MILL-MAX-0273 Datasheet
322Kb / 1P
PIN RECEPTACLES
0273-0-15-01-16-01-10-0 MILL-MAX-0273-0-15-01-16-01-10-0 Datasheet
157Kb / 1P
PIN RECEPTACLES for .022??- .034??diameter pins and .025??square pins
0273-0-15-01-16-27-10-0 MILL-MAX-0273-0-15-01-16-27-10-0 Datasheet
157Kb / 1P
PIN RECEPTACLES for .022??- .034??diameter pins and .025??square pins
0273-0-15-15-16-27-10-0 MILL-MAX-0273-0-15-15-16-27-10-0 Datasheet
157Kb / 1P
PIN RECEPTACLES for .022??- .034??diameter pins and .025??square pins
logo
List of Unclassifed Man...
02730 ETC2-02730 Datasheet
357Kb / 3P
Wide-Vue Style Analog Panel Meters
More results


Similar Description - 0273.031V

ManufacturerPart #DatasheetDescription
logo
Littelfuse
262 LITTELFUSE-262 Datasheet
87Kb / 1P
MICRO FUSE Very Fast-Acting Type 262/268/269 Series
265 LITTELFUSE-265 Datasheet
90Kb / 1P
PICO Fuse Very Fast-Acting Fuse 265/266/267 Series
451 LITTELFUSE-451 Datasheet
102Kb / 1P
NANO2 FUSE Very Fast-Acting 451/453 Series
logo
Bel Fuse Inc.
MRF BEL-MRF Datasheet
102Kb / 2P
Fast Acting Radial Lead Micro Fuse Series
logo
Littelfuse
0262.002V LITTELFUSE-0262.002V Datasheet
160Kb / 3P
262/268/269 Series, MICRO??Very Fast-Acting Fuse (High-Reliability)
0275.062M- LITTELFUSE-0275.062M- Datasheet
85Kb / 2P
PICO짰 Fuse Very Fast-Acting Fuse 275/276 Series
0275020.MRT1L LITTELFUSE-0275020.MRT1L Datasheet
187Kb / 4P
275 Series, PICO , Very Fast-Acting Fuse
0316.500NAT1 LITTELFUSE-0316.500NAT1 Datasheet
132Kb / 3P
316 Series PICO짰II, Very Fast-Acting Fuse
045903.5ER LITTELFUSE-045903.5ER Datasheet
330Kb / 3P
PICO Very Fast-Acting Surface Mount Fuse
045903.5UR LITTELFUSE-045903.5UR Datasheet
330Kb / 3P
PICO Very Fast-Acting Surface Mount Fuse
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com