Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W78LE516 Datasheet (PDF) - Winbond

W78LE516 Datasheet PDF - Winbond
Part # W78LE516
Download  W78LE516 Download
File Size   287.33 Kbytes
Page   31 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 8-BIT MICROCONTROLLER

W78LE516 Datasheet (PDF)

Go To PDF Page Download Datasheet
W78LE516 Datasheet PDF - Winbond

Part # W78LE516
Download  W78LE516 Click to download

File Size   287.33 Kbytes
Page   31 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 8-BIT MICROCONTROLLER

W78LE516 Datasheet (HTML) - Winbond


W78LE516 Product details

GENERAL DESCRIPTION
The W78L516 is an 8-bit microcontroller which hasan in-system programmable Flash EPROM for firmware updating. The instruction set of the W78L516 is fully compatible with the standard 8052. The W78L516 contains a 64K bytes of main Flash EPROM and a 4K bytes of auxiliary Flash EPROM which allows the contents of the 64KB main Flash EPROM to be updated by the loader program located at the 4KB auxiliary Flash EPROM; 512 bytes ofon-chip RAM; four 8-bit bi-directional and bit addressable I/O ports; an additional 4-bit port P4; three 16-bit timer/counters; a serial port. These peripherals are supported by a eight sources two-level interrupt capability.

FEATURES
•  Fully static design 8-bit CMOS microcontroller
•  64K bytes of in-system programmable Flash EPROM for Application Program (AP FLASH EPROM)
•  4K bytes of auxiliary Flash EPROM for Loader Program (LD FLASH EPROM)
•  512 bytes of on-chip RAM. (including 256 bytes of AUX-RAM, software selectable)
•  64K bytes program memory address space and 64K bytes data memory address space
•  Four 8-bit bi-directional ports
•  One 4-bit multipurpose programmable port
•  Three 16-bit timer/counters
•  One full duplex serial port
•  Eight-sources, two-level interrupt capability
•  Built-in power management
•  Code protection
•  Packaged in
− Lead Free(RoHS) DIP  40: W78L516A24DL
− Lead Free(RoHS) PLCC 44: W78L516A24PL
− Lead Free(RoHS) QFP 44: W78L516A24FL
− Lead Free(RoHS) LQFP 48: W78L516A24LL




Similar Part No. - W78LE516

ManufacturerPart #DatasheetDescription
logo
Winbond
W78LE516 WINBOND-W78LE516 Datasheet
415Kb / 37P
8-BIT MICROCONTROLLER
W78LE516A WINBOND-W78LE516A Datasheet
415Kb / 37P
8-BIT MICROCONTROLLER
W78LE516 WINBOND-W78LE516_06 Datasheet
415Kb / 37P
8-BIT MICROCONTROLLER
More results


Similar Description - W78LE516

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CH41UG TOSHIBA-TMP88CH41UG Datasheet
1Mb / 186P
8 Bit Microcontroller
TMP88CS43FG TOSHIBA-TMP88CS43FG Datasheet
2Mb / 218P
8 Bit Microcontroller
11-Jul-2007
TMP86P202PG TOSHIBA-TMP86P202PG Datasheet
1Mb / 108P
8 Bit Microcontroller
15-Oct-2007
TMP86FS49BUG TOSHIBA-TMP86FS49BUG Datasheet
2Mb / 294P
8 Bit Microcontroller
TMP86CH47IUG TOSHIBA-TMP86CH47IUG Datasheet
1Mb / 160P
8 Bit Microcontroller
19-Jul-2007
TMP86CM23AUG TOSHIBA-TMP86CM23AUG Datasheet
2Mb / 204P
8 Bit Microcontroller
16-Oct-2007
TMP86CS44UG TOSHIBA-TMP86CS44UG Datasheet
1Mb / 172P
8 Bit Microcontroller
TMP86CS49UG TOSHIBA-TMP86CS49UG Datasheet
2Mb / 252P
8 Bit Microcontroller
TMP86FH46ANG TOSHIBA-TMP86FH46ANG Datasheet
2Mb / 214P
8 Bit Microcontroller
TMP86FS23UG TOSHIBA-TMP86FS23UG Datasheet
1Mb / 252P
8 Bit Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com