Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W83194R-17 Datasheet (PDF) - Winbond

W83194R-17 Datasheet PDF - Winbond
Part # W83194R-17
Download  W83194R-17 Download
File Size   272.05 Kbytes
Page   21 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 100MHZ AGP CLOCK FOR SIS CHIPSET

W83194R-17 Datasheet (PDF)

Go To PDF Page Download Datasheet
W83194R-17 Datasheet PDF - Winbond

Part # W83194R-17
Download  W83194R-17 Click to download

File Size   272.05 Kbytes
Page   21 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 100MHZ AGP CLOCK FOR SIS CHIPSET

W83194R-17 Datasheet (HTML) - Winbond


W83194R-17 Product details

GENERAL DESCRIPTION

The W83194R-17/-17A is a Clock Synthesizer which provides all clocks required for high-speed RISC or CISC microprocessor such as Intel PentiumII, PentiumPro , AMD or Cyrix. Eight different frequency of CPU, AGP and PCI clocks are externally selectable with smooth transitions. The W83194R-17/-17A provides AGP clocks especially for clone chipset. The highest CPU frequency provided by the W83194R-17 is up to 100MHz, but the one of W83194R-17A is up to 133MHz.

The W83193R-17/-17A provides I2C serial bus interface to program the registers to enable or disable each clock outputs and choose the 0.5% or 1.5% center type spread spectrum to reduce EMI.



PRODUCT FEATURES

·  Supports PentiumÔ, PentiumÔ Pro, PentiumÔ II, AMD and Cyrix CPUs with I2C.

·  4 CPU clocks

·  12 SDRAM clocks for 3 DIMMs

·  Two AGP clocks

·  6 PCI synchronous clocks.

·  Optional single or mixed supply:

   (Vdd = Vddq3 = Vddq2 = Vddq2b = 3.3V) or (Vdd =Vddq2 = Vddq3 = 3.3V, Vddq2b = 2.5V)

·  Skew form CPU to PCI clock -1 to 4 ns, center 2.6 ns, AGP to CPU sync. skew 0 ns (250 ps)

·  Smooth frequency switch with selections from 60 MHz to 133 MHz CPU

·  I2C 2-Wire serial interface and I2C read back

·  ¡Ó0.5% or ¡Ó1.5% center type spread spectrum function to reduce EMI

·  Programmable registers to enable/stop each output and select modes (mode as Tri-state or Normal )

·  MODE pin for power Management

·  48 MHz for USB

·  24 MHz for super I/O

·  48-pin SSOP package



 




Similar Part No. - W83194R-17

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194R-37 WINBOND-W83194R-37 Datasheet
267Kb / 19P
100 MHZ AGP CLOCK FOR VIA CHIPSET
W83194R-39 WINBOND-W83194R-39 Datasheet
277Kb / 21P
100MHZ 3-DIMM CLOCK
W83194R-39A WINBOND-W83194R-39A Datasheet
277Kb / 21P
100MHZ 3-DIMM CLOCK
W83194R-58 WINBOND-W83194R-58 Datasheet
267Kb / 19P
100 MHZ AGP CLOCK FOR VIA CHIPSET
W83194R-58A WINBOND-W83194R-58A Datasheet
182Kb / 13P
100MHZ AGP CLOCK FOR VIA CHIPSET
More results


Similar Description - W83194R-17

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194BR-730 WINBOND-W83194BR-730 Datasheet
113Kb / 14P
166MHZ CLOCK FOR SIS CHIPSET
W83194R-37 WINBOND-W83194R-37 Datasheet
267Kb / 19P
100 MHZ AGP CLOCK FOR VIA CHIPSET
W83194R-58A WINBOND-W83194R-58A Datasheet
182Kb / 13P
100MHZ AGP CLOCK FOR VIA CHIPSET
W83194R-630A WINBOND-W83194R-630A Datasheet
159Kb / 11P
166MHZ CLOCK FOR SIS CHIPSET
W83194R-81 WINBOND-W83194R-81 Datasheet
231Kb / 18P
100MHZ CLOCK FOR SIS CHIPSET
W83194BR-63S WINBOND-W83194BR-63S Datasheet
237Kb / 16P
STEP-LESS CLOCK FOR SIS CHIPSET
W83194BR-640 WINBOND-W83194BR-640 Datasheet
1Mb / 16P
166MHZ CLOCK FOR SIS CHIPSET
W83194BR-730 WINBOND-W83194BR-730_05 Datasheet
212Kb / 16P
166MHZ CLOCK FOR SIS CHIPSET
W83194R-630 WINBOND-W83194R-630_07 Datasheet
217Kb / 15P
166MHZ CLOCK FOR SIS CHIPSET
W83194BR-703 WINBOND-W83194BR-703 Datasheet
741Kb / 28P
STEPLESS CLOCK FOR SIS 741 CHIPSET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com