Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C54LP Datasheet (PDF) - Cypress Semiconductor

CY8C54LP Datasheet PDF - Cypress Semiconductor
Part # CY8C54LP
Download  CY8C54LP Download
File Size   3624.45 Kbytes
Page   117 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Programmable System-on-Chip (PSoC짰)

CY8C54LP Datasheet (PDF)

Go To PDF Page Download Datasheet
CY8C54LP Datasheet PDF - Cypress Semiconductor

Part # CY8C54LP
Download  CY8C54LP Click to download

File Size   3624.45 Kbytes
Page   117 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Programmable System-on-Chip (PSoC짰)

CY8C54LP Datasheet (HTML) - Cypress Semiconductor


CY8C54LP Product details

General Description
With its unique array of configurable blocks, PSoC® 5LP is a true system level solution providing microcontroller unit (MCU), memory, analog, and digital peripheral functions in a single chip. The CY8C54LP family offers a modern method of signal acquisition, signal processing, and control with high accuracy, high bandwidth, and high flexibility. Analog capability spans the range from thermocouples (near DC voltages) to ultrasonic signals. The CY8C54LP family can handle dozens of data acquisition channels and analog inputs on every general-purpose input/output (GPIO) pin. The CY8C54LP family is also a high-performance configurable digital system with some part numbers including interfaces such as USB, multi-master inter-integrated circuit (I2C), and controller area network (CAN). In addition to communication interfaces, the CY8C54LP family has an easy to configure logic array, flexible routing to all I/O pins, and a high-performance 32-bit ARM® Cortex™-M3 microprocessor core. You can easily create system-level designs using a rich library of prebuilt components and boolean primitives using PSoC® Creator™, a hierarchical schematic design entry tool. The CY8C54LP family provides unparalleled opportunities for analog and digital bill of materials integration while easily accommodating last minute design changes through simple firmware updates.

Features
■ 32-bit ARM Cortex-M3 CPU core
   □ DC to 67 MHz operation
   □ Flash program memory, up to 256 KB, 100,000 write cycles, 20-year retention, multiple security features
   □ Up to 32-KB flash error correcting code (ECC) or configuration storage
   □ Up to 64 KB SRAM
   □ 2-KB electrically erasable programmable read-only memory (EEPROM) memory, 1 M cycles, and 20 years retention
   □ 24-channel direct memory access (DMA) with multilayer AHB[1] bus access
      • Programmable chained descriptors and priorities
      • High bandwidth 32-bit transfer support
■ Low voltage, ultra low power
   □ Wide operating voltage range: 0.5 V to 5.5 V
   □ High efficiency boost regulator from 0.5 V input to 1.8 V to 5.0 V output
   □ 3.1 mA at 6 MHz
   □ Low power modes including:
      • 2-µA sleep mode with real time clock (RTC) and low-voltage detect (LVD) interrupt
      • 300-nA hibernate mode with RAM retention
■ Versatile I/O system
   □ 28 to 72 I/Os (62 GPIOs, 8 SIOs, 2 USBIOs[2])
   □ Any GPIO to any digital or analog peripheral routability
   □ LCD direct drive from any GPIO, up to 46x16 segments
   □ CapSense® support from any GPIO[3]
   □ 1.2 V to 5.5 V I/O interface voltages, up to 4 domains
   □ Maskable, independent IRQ on any pin or port
   □ Schmitt-trigger transistor-transistor logic (TTL) inputs
   □ All GPIOs configurable as open drain high/low, pull-up/pull-down, High-Z, or strong output
   □ Configurable GPIO pin state at power-on reset (POR)
   □ 25 mA sink on SIO
■ Digital peripherals
   □ 20 to 24 programmable logic device (PLD) based universal digital blocks (UDBs)
   □ Full CAN 2.0b 16 RX, 8 TX buffers[2]
   □ Full-Speed (FS) USB 2.0 12 Mbps using internal oscillator[2]
   □ Up to four 16-bit configurable timer, counter, and PWM blocks
   □ Library of standard peripherals
      • 8-, 16-, 24-, and 32-bit timers, counters, and PWMs
      • Serial peripheral interface (SPI), universal asynchronous transmitter receiver (UART), and I2C
      • 50Many others available in catalog
   □ Library of advanced peripherals
      • Cyclic redundancy check (CRC)
      • Pseudo random sequence (PRS) generator
      • Local interconnect network (LIN) bus 2.0
      • Quadrat]ure decoder
■ Analog peripherals (1.71 V ≤ VDDA ≤ 5.5 V)
   □ 1.024 V ± 0.1% internal voltage reference across –40 °C to +85 °C
   □ Successive approximation register (SAR) analog-to-digital converter (ADC), 12-bit at 1 Msps
   □ Two 8-bit 8 Msps current digital-to-analog converters (DAC) (IDACs) or 1 Msps voltage DACs (VDACs)
   □ Four comparators with 95-ns response time
   □ Two uncommitted opamps with 25-mA drive capability
   □ Two configurable multifunction analog blocks. Example configurations are programmable gain amplifier (PGA), transimpedance amplifier (TIA), mixer, and sample and hold
   □ CapSense support
■ Programming, debug, and trace
   □ JTAG (4-wire), serial wire debug (SWD) (2-wire), single-wire viewer (SWV), and TRACEPORT interfaces
   □ Cortex-M3 flash patch and breakpoint (FPB) block
   □ Cortex-M3 Embedded Trace Macrocell™ (ETM™) generates an instruction trace stream.
   □ Cortex-M3 data watchpoint and trace (DWT) generates data trace information
   □ Cortex-M3 instrumentation trace macrocell (ITM) can be used for printf-style debugging
   □ DWT, ETM, and ITM blocks communicate with off-chip debug and trace systems via the SWV or TRACEPORT
   □ Bootloader programming supportable through I2C, SPI, UART, USB, and other interfaces
■ Precision, programmable clocking
   □ 3- to 62-MHz internal oscillator over full temperature and voltage range
   □ 4- to 25-MHz crystal oscillator for crystal PPM accuracy
   □ Internal PLL clock generation up to 67 MHz
   □ 32.768-kHz watch crystal oscillator
   □ Low power internal oscillator at 1, 33, and 100 kHz
■ Temperature and packaging
   □ -40°C to +85°C degrees industrial temperature
   □ 68-pin QFN and 100-pin TQFP package options




Similar Part No. - CY8C54LP

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
4Mb / 105P
Programmable System-on-Chip (PSoC짰)
CY8C54 CYPRESS-CY8C54 Datasheet
3Mb / 105P
Programmable System-on-Chip (PSoC) DC to 67 MHz operation
logo
Infineon Technologies A...
CY8C5465AXA INFINEON-CY8C5465AXA Datasheet
7Mb / 140P
Programmable System-on-Chip (PSoC®)
November 27, 2019
CY8C5465AXA-LP INFINEON-CY8C5465AXA-LP Datasheet
7Mb / 140P
Programmable System-on-Chip (PSoC®)
November 27, 2019
More results


Similar Description - CY8C54LP

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
PSoC짰 Programmable System-on-Chip?
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
PSoC짰 Programmable System-on-Chip
CY8C32 CYPRESS-CY8C32_12 Datasheet
4Mb / 122P
Programmable System-on-Chip (PSoC짰)
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
PSoC짰 Programmable System-on-Chip?
CY8C34 CYPRESS-CY8C34_13 Datasheet
3Mb / 130P
Programmable System-on-Chip (PSoC짰)
CY8C56LP CYPRESS-CY8C56LP_13 Datasheet
3Mb / 120P
Programmable System-on-Chip (PSoC짰)
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
Programmable System-on-Chip (PSoC짰)
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com