Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM24C04B Datasheet (PDF) - Cypress Semiconductor

FM24C04B Datasheet PDF - Cypress Semiconductor
Part # FM24C04B
Download  FM24C04B Download
File Size   335.47 Kbytes
Page   12 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 4Kb Serial 5V F-RAM Memory

FM24C04B Datasheet (PDF)

Go To PDF Page Download Datasheet
FM24C04B Datasheet PDF - Cypress Semiconductor

Part # FM24C04B
Download  FM24C04B Click to download

File Size   335.47 Kbytes
Page   12 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 4Kb Serial 5V F-RAM Memory

FM24C04B Datasheet (HTML) - Cypress Semiconductor


FM24C04B Product details

Description
The FM24C04B is a 4-kilobit nonvolatile memory employing an advanced ferroelectric process. A ferroelectric random access memory or FRAM is nonvolatile and performs reads and writes like a RAM. It provides reliable data retention for 38 years while eliminating the complexities, overhead, and system level reliability problems caused by EEPROM and other nonvolatile memories.

Features
4K bit Ferroelectric Nonvolatile RAM
• Organized as 512 x 8 bits
• High Endurance 1012 Read/Writes
• 38 Year Data Retention
• NoDelay™ Writes
• Advanced High-Reliability Ferroelectric Process

Fast Two-wire Serial Interface
• Up to 1 MHz maximum bus frequency
• Direct hardware replacement for EEPROM
• Supports legacy timing for 100 kHz & 400 kHz

Low Power Operation
• 5V operation
• 100 µA Active Current (100 kHz)
• 4 µA (typ.) Standby Current

Industry Standard Configuration
• Industrial Temperature -40° C to +85° C
• 8-pin “Green”/RoHS SOIC (-G)




Similar Part No. - FM24C04B

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM24C04B RAMTRON-FM24C04B Datasheet
293Kb / 12P
4Kb Serial 5V F-RAM Memory
FM24C04B-G RAMTRON-FM24C04B-G Datasheet
293Kb / 12P
4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C04B-G CYPRESS-FM24C04B-G Datasheet
324Kb / 13P
4Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM24C04B-GTR RAMTRON-FM24C04B-GTR Datasheet
293Kb / 12P
4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C04B-GTR CYPRESS-FM24C04B-GTR Datasheet
324Kb / 13P
4Kb Serial 5V F-RAM Memory
More results


Similar Description - FM24C04B

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM24C04B RAMTRON-FM24C04B Datasheet
293Kb / 12P
4Kb Serial 5V F-RAM Memory
FM24C04C RAMTRON-FM24C04C Datasheet
261Kb / 12P
4Kb Serial 5V F-RAM Memory
FM24CL04B RAMTRON-FM24CL04B Datasheet
287Kb / 12P
4Kb Serial 3V F-RAM Memory
FM25040B RAMTRON-FM25040B Datasheet
313Kb / 13P
4Kb Serial 5V F-RAM Memory
FM25040C RAMTRON-FM25040C Datasheet
266Kb / 13P
4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25040B CYPRESS-FM25040B Datasheet
449Kb / 13P
4Kb Serial 5V F-RAM Memory
FM24C04B CYPRESS-FM24C04B_13 Datasheet
324Kb / 13P
4Kb Serial 5V F-RAM Memory
FM24CL04B CYPRESS-FM24CL04B_13 Datasheet
325Kb / 13P
4Kb Serial 3V F-RAM Memory
FM25040B CYPRESS-FM25040B_13 Datasheet
402Kb / 14P
4Kb Serial 5V F-RAM Memory
FM25040B-GA CYPRESS-FM25040B-GA Datasheet
419Kb / 14P
Automotive Temp. 4Kb Serial 5V F-RAM Memory
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com