Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM24CL64B Datasheet (PDF) - Cypress Semiconductor

FM24CL64B Datasheet PDF - Cypress Semiconductor
Part # FM24CL64B
Download  FM24CL64B Download
File Size   354.54 Kbytes
Page   13 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 64Kb Serial 3V F-RAM Memory

FM24CL64B Datasheet (PDF)

Go To PDF Page Download Datasheet
FM24CL64B Datasheet PDF - Cypress Semiconductor

Part # FM24CL64B
Download  FM24CL64B Click to download

File Size   354.54 Kbytes
Page   13 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 64Kb Serial 3V F-RAM Memory

FM24CL64B Datasheet (HTML) - Cypress Semiconductor


FM24CL64B Product details

Functional Description
The FM24CL64B is a 64-Kbit nonvolatile memory employing an advanced ferroelectric process. A ferroelectric random access memory or F-RAM is nonvolatile and performs reads and writes similar to a RAM. It provides reliable data retention for 151 years while eliminating the complexities, overhead, and system-level reliability problems caused by EEPROM and other nonvolatile memories.
Unlike EEPROM, the FM24CL64B performs write operations at bus speed. No write delays are incurred. Data is written to the memory array immediately after each byte is successfully transferred to the device. The next bus cycle can commence without the need for data polling. In addition, the product offers substantial write endurance compared with other nonvolatile memories. Also, F-RAM exhibits much lower power during writes than EEPROM since write operations do not require an internally elevated power supply voltage for write circuits. The FM24CL64B is capable of supporting 1014 read/write cycles, or 100 million times more write cycles than EEPROM.
These capabilities make the FM24CL64B ideal for nonvolatile memory applications, requiring frequent or rapid writes.
Examples range from data logging, where the number of write cycles may be critical, to demanding industrial controls where the long write time of EEPROM can cause data loss. The combination of features allows more frequent data writing with less overhead for the system.
The FM24CL64B provides substantial benefits to users of serial (I2C) EEPROM as a hardware drop-in replacement. The device specifications are guaranteed over an industrial temperature range of –40°C to +85°C.

Features
■ 64-Kbit ferroelectric random access memory (F-RAM) logically organized as 8K × 8
   ❐ High-endurance 100 trillion (10¹⁴) read/writes
   ❐ 151-year data retention (See the Data Retention and Endurance table)
   ❐ NoDelay™ writes
   ❐ Advanced high-reliability ferroelectric process
■ Fast 2-wire Serial interface (I2C)
   ❐ Up to 1-MHz frequency
   ❐ Direct hardware replacement for serial (I2C) EEPROM
   ❐ Supports legacy timings for 100 kHz and 400 kHz
■ Low power consumption
   ❐ 100 μA (typ) active current at 100 kHz
   ❐ 3 μA (typ) standby current
■ Voltage operation: VDD = 2.7 V to 3.65 V
■ Industrial temperature: –40°C to +85°C
■ Packages
   ❐ 8-pin small outline integrated circuit (SOIC) package
   ❐ 8-pin thin dual flat no leads (DFN) package
■ Restriction of hazardous substances (RoHS) compliant




Similar Part No. - FM24CL64B

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM24CL64B RAMTRON-FM24CL64B Datasheet
225Kb / 12P
64Kb Serial 3V F-RAM Memory
FM24CL64B-GA RAMTRON-FM24CL64B-GA Datasheet
225Kb / 12P
64Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B-GA CYPRESS-FM24CL64B-GA Datasheet
342Kb / 13P
64Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL64B-GATR RAMTRON-FM24CL64B-GATR Datasheet
225Kb / 12P
64Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B-GATR CYPRESS-FM24CL64B-GATR Datasheet
342Kb / 13P
64Kb Serial 3V F-RAM Memory
More results


Similar Description - FM24CL64B

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM24C64B RAMTRON-FM24C64B Datasheet
293Kb / 12P
64Kb Serial 5V F-RAM Memory
FM24C64C RAMTRON-FM24C64C Datasheet
274Kb / 12P
64Kb Serial 5V F-RAM Memory
FM24CL64B RAMTRON-FM24CL64B Datasheet
225Kb / 12P
64Kb Serial 3V F-RAM Memory
FM25CL64B RAMTRON-FM25CL64B Datasheet
307Kb / 14P
64Kb Serial 3V F-RAM Memory
FM25640B RAMTRON-FM25640B Datasheet
213Kb / 13P
64Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25CL64B CYPRESS-FM25CL64B Datasheet
509Kb / 14P
64Kb Serial 3V F-RAM Memory
FM24CL64B CYPRESS-FM24CL64B_13 Datasheet
342Kb / 13P
64Kb Serial 3V F-RAM Memory
FM25CL64B CYPRESS-FM25CL64B_13 Datasheet
444Kb / 17P
64Kb Serial 3V F-RAM Memory
FM24C64B CYPRESS-FM24C64B_13 Datasheet
352Kb / 15P
64Kb Serial 5V F-RAM Memory
FM25CL64B-GA CYPRESS-FM25CL64B-GA Datasheet
425Kb / 15P
Automotive Temp. 64Kb Serial 3V F-RAM Memory
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com