Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM25C160B Datasheet (PDF) - Cypress Semiconductor

FM25C160B Datasheet PDF - Cypress Semiconductor
Part # FM25C160B
Download  FM25C160B Download
File Size   451.81 Kbytes
Page   13 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 16Kb Serial 5V F-RAM Memory

FM25C160B Datasheet (PDF)

Go To PDF Page Download Datasheet
FM25C160B Datasheet PDF - Cypress Semiconductor

Part # FM25C160B
Download  FM25C160B Click to download

File Size   451.81 Kbytes
Page   13 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 16Kb Serial 5V F-RAM Memory

FM25C160B Datasheet (HTML) - Cypress Semiconductor


FM25C160B Product details

Description
The FM25C160B is a 16-kilobit nonvolatile memory employing an advanced ferroelectric process. A ferroelectric random access memory or F-RAM is nonvolatile but operates in other respects as a RAM. It provides reliable data retention for 38 years while eliminating the complexities, overhead, and system level reliability problems caused by EEPROM and other nonvolatile memories.

Features
• 16K bit Ferroelectric Nonvolatile RAM
• Organized as 2,048 x 8 bits
• High Endurance 1 Trillion (1012) Read/Writes
• 38 year Data Retention
• NoDelay™ Writes
• Advanced High-Reliability Ferroelectric Process

Very Fast Serial Peripheral Interface - SPI
• Up to 20 MHz maximum Bus Frequency
• Direct hardware replacement for EEPROM
• SPI Mode 0 & 3 (CPOL, CPHA=0,0 & 1,1)

Sophisticated Write Protection Scheme
• Hardware Protection
• Software Protection

Low Power Consumption
• 250 μA Active Current (1 MHz)
• 4 μA (typ.) Standby Current

Industry Standard Configuration
• Industrial Temperature -40°C to +85°C
• 8-pin “Green”/RoHS SOIC (-G)




Similar Part No. - FM25C160B

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25C160B RAMTRON-FM25C160B Datasheet
171Kb / 13P
16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B Datasheet
720Kb / 20P
16-Kbit (2 K 횞 8) Serial (SPI) Automotive F-RAM
FM25C160B CYPRESS-FM25C160B Datasheet
408Kb / 14P
16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25C160B-G RAMTRON-FM25C160B-G Datasheet
171Kb / 13P
16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25C160B-G CYPRESS-FM25C160B-G Datasheet
408Kb / 14P
16Kb Serial 5V F-RAM Memory
More results


Similar Description - FM25C160B

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM24C16B RAMTRON-FM24C16B Datasheet
225Kb / 12P
16Kb Serial 5V F-RAM Memory
FM24C16C RAMTRON-FM24C16C Datasheet
274Kb / 12P
16Kb Serial 5V F-RAM Memory
FM24CL16B RAMTRON-FM24CL16B Datasheet
287Kb / 13P
16Kb Serial 3V F-RAM Memory
FM25C160B RAMTRON-FM25C160B Datasheet
171Kb / 13P
16Kb Serial 5V F-RAM Memory
FM25C160C RAMTRON-FM25C160C Datasheet
281Kb / 13P
16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C16B CYPRESS-FM24C16B Datasheet
376Kb / 12P
16Kb Serial 5V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B Datasheet
363Kb / 13P
16Kb Serial 3V F-RAM Memory
FM24C16B CYPRESS-FM24C16B_13 Datasheet
341Kb / 13P
16Kb Serial 5V F-RAM Memory
FM25C160B CYPRESS-FM25C160B_13 Datasheet
408Kb / 14P
16Kb Serial 5V F-RAM Memory
FM25L16B CYPRESS-FM25L16B_13 Datasheet
432Kb / 15P
16Kb Serial 3V F-RAM Memory
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com