Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM25V10 Datasheet (PDF) - Cypress Semiconductor

FM25V10 Datasheet PDF - Cypress Semiconductor
Part # FM25V10
Download  FM25V10 Download
File Size   531.26 Kbytes
Page   16 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 1Mb Serial 3V F-RAM Memory

FM25V10 Datasheet (PDF)

Go To PDF Page Download Datasheet
FM25V10 Datasheet PDF - Cypress Semiconductor

Part # FM25V10
Download  FM25V10 Click to download

File Size   531.26 Kbytes
Page   16 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 1Mb Serial 3V F-RAM Memory

FM25V10 Datasheet (HTML) - Cypress Semiconductor


FM25V10 Product details

Description

The FM25V10 is a 1-megabit nonvolatile memory employing an advanced ferroelectric process. A ferroelectric random access memory or F-RAM is nonvolatile and performs reads and writes like a RAM. It provides reliable data retention for 10 years while eliminating the complexities, overhead, and system level reliability problems caused by Serial Flash and other nonvolatile memories.



Features

1M bit Ferroelectric Nonvolatile RAM

• Organized as 131,072 x 8 bits

• High Endurance 100 Trillion (1014) Read/Writes

• 10 Year Data Retention

• NoDelay™ Writes

• Advanced High-Reliability Ferroelectric Process



Very Fast Serial Peripheral Interface - SPI

• Up to 40 MHz Frequency

• Direct Hardware Replacement for Serial Flash

• SPI Mode 0 & 3 (CPOL, CPHA=0,0 & 1,1)



Write Protection Scheme

• Hardware Protection

• Software Protection



Device ID and Serial Number

• Device ID reads out Manufacturer ID & Part ID

• Unique Serial Number (FM25VN10)



Low Voltage, Low Power

• Low Voltage Operation 2.0V – 3.6V

• 90μA Standby Current (typ.)

• 5μA Sleep Mode Current (typ.)



Industry Standard Configurations

• Industrial Temperature -40 C to +85 C

• 8-pin “Green”/RoHS SOIC Package



 




Similar Part No. - FM25V10

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
1Mb Serial 3V F-RAM Memory
FM25V10 RAMTRON-FM25V10 Datasheet
1Mb / 8P
Nonvolatile F-RAM Memory Module (TWR-FRAM)
FM25V10-G RAMTRON-FM25V10-G Datasheet
333Kb / 16P
1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V10-G CYPRESS-FM25V10-G Datasheet
484Kb / 17P
1Mb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V10-GTR RAMTRON-FM25V10-GTR Datasheet
333Kb / 16P
1Mb Serial 3V F-RAM Memory
More results


Similar Description - FM25V10

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM24V10 RAMTRON-FM24V10 Datasheet
206Kb / 15P
1Mb Serial 3V F-RAM Memory
FM24V10 RAMTRON-FM24V10_10 Datasheet
347Kb / 16P
1Mb Serial 3V F-RAM Memory
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
256Kb Serial 3V F-RAM Memory
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V10 CYPRESS-FM24V10 Datasheet
441Kb / 16P
1Mb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B_13 Datasheet
364Kb / 14P
16Kb Serial 3V F-RAM Memory
FM24V10 CYPRESS-FM24V10_13 Datasheet
417Kb / 17P
1Mb Serial 3V F-RAM Memory
FM25H20 CYPRESS-FM25H20 Datasheet
438Kb / 16P
2Mb Serial 3V F-RAM Memory
FM25V01 CYPRESS-FM25V01 Datasheet
471Kb / 18P
128Kb Serial 3V F-RAM Memory
FM25V10 CYPRESS-FM25V10_13 Datasheet
484Kb / 17P
1Mb Serial 3V F-RAM Memory
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com