Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W83628F Datasheet (PDF) - Winbond

W83628F Datasheet PDF - Winbond
Part # W83628F
Download  W83628F Download
File Size   271.51 Kbytes
Page   25 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description PCI TO ISA BRIDGE SET

W83628F Datasheet (PDF)

Go To PDF Page Download Datasheet
W83628F Datasheet PDF - Winbond

Part # W83628F
Download  W83628F Click to download

File Size   271.51 Kbytes
Page   25 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description PCI TO ISA BRIDGE SET

W83628F Datasheet (HTML) - Winbond


W83628F Product details

GENERAL DESCRIPTION
W83628F is a PCI-to-ISA bus conversion IC. W83629D is a condensed centralizer IC for IRQ and DMA control. W83628F and W83629D together form a complete set for the PCI-to-ISA bridge.
For the new generation Intel chipset Camino and Whitney, featuring LPC bus, there is no support for ISA bus and slots. However the demand of ISA devices still exist. For such case, W83628F plus W83629D are the best companion solution for the non-ISA chipset. Also the packages of W83628F (128-QFP) and W83629D (48-LQFP) had been chosen to be the most economic solution for save the M/B board layout size and cost.
For the new generation chipset featuring LPC interface and support no ISA bus, W83627HF/F (Winbond LPC I/O) together with the set of W83628F and W83629D is the complete solution.

FEATURES
PCI to ISA Bridge
• Full ISA Bus Support including ISA Masters
• 5V ISA and 3.3V PCI interfaces
• PC/PCI DMA protocol for Software Transparent
• IRQ Serializer for ISA Parallel IRQ transfer to Serial IRQ
• Supports 3 fully ISA Compatible Slots without Buffering
• PCI Bus at 25MHz, 33MHz and up to 40MHz
• Supports Programmable ISA Bus Divide the PCI Bus Clock into 3 or 4
• All ISA Signals can be Isolate
• Supports Configuration registers for programming performance

PACKAGE
• 128-pin PQFP for W83628F
• 48-pin LQFP for W83629D




Similar Part No. - W83628F

ManufacturerPart #DatasheetDescription
logo
Winbond
W83628F WINBOND-W83628F Datasheet
255Kb / 25P
PCI TO ISA BRIDGE SET
More results


Similar Description - W83628F

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87200 NSC-PC87200 Datasheet
114Kb / 33P
PC87200 PCI to ISA Bridge
logo
Winbond
W83628F WINBOND-W83628F Datasheet
255Kb / 25P
PCI TO ISA BRIDGE SET
W83626F WINBOND-W83626F_05 Datasheet
235Kb / 23P
LPC TO ISA BRIDGE SET
logo
Feature Integration Tec...
F85226 FINTEK-F85226 Datasheet
1Mb / 44P
LPC to ISA Bridge
logo
Advantech Co., Ltd.
PCA-6104-0C2E ADVANTECH-PCA-6104-0C2E Datasheet
131Kb / 1P
PCI/ISA Backplanes
PCM-3117 ADVANTECH-PCM-3117 Datasheet
348Kb / 1P
2-slot CardBus Module PCI to ISA Bridge Module
logo
Feature Integration Tec...
F85226AF FINTEK-F85226AF Datasheet
1Mb / 46P
LPC to ISA Bridge
logo
AAEON Technology
PFM-T800 AAEON-PFM-T800 Datasheet
431Kb / 1P
ISA Bridge (PCI-104 to PC/104) for PFM-800P
logo
Nuvoton Technology Corp...
W83628AG NUVOTON-W83628AG Datasheet
857Kb / 65P
PCI TO ISA BRIDGE
logo
ITE Tech.Inc.
IT8888G ITE-IT8888G Datasheet
615Kb / 71P
PCI-to-ISA Bridge Chip (Code Name: Golden Gate)
V0.9 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com