Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W83759 Datasheet (PDF) - Winbond

W83759 Datasheet PDF - Winbond
Part # W83759
Download  W83759 Download
File Size   334.11 Kbytes
Page   41 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description ADVANCED VL-IDE DISK CONTROLLER

W83759 Datasheet (PDF)

Go To PDF Page Download Datasheet
W83759 Datasheet PDF - Winbond

Part # W83759
Download  W83759 Click to download

File Size   334.11 Kbytes
Page   41 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description ADVANCED VL-IDE DISK CONTROLLER

W83759 Datasheet (HTML) - Winbond


W83759 Product details

GENERAL DESCRIPTION
The W83759A is an advanced version of Winbonds popular VL-IDE interface chip, the W83759. The W83759A retains all of the features and compatibility of the W83759 (the chip meets the ANSI ATA 4.0 specification for IDE hard disk operation and the VESA VL-Bus 2.0 specification for PC local bus devices) while incorporating new features to meet Enhanced IDE, SFF-8011, ATA-2, and Fast-ATA specifications.

FEATURES
• Pin-to-pin backward compatible with W83759 VL-IDE Interface chip
• VESA VL-Bus Rev 2.0 compatible, connects directly to local bus and four IDE drives
• Direct interface to various ANSI ATA/ATA-2/FAST ATA/IDE-2/Enhanced IDE drives
• Supports 32 and 16-bit data transfer
• Fully software programmable for command active/recovery time and address setup, data hold time
• Built-in VL-Bus to 16-bit IO data buffer for special applications
• Fully supports Enhanced IDE features, including Fast PIO, Mode 3/4, IORDY flow control, prefetch control
• Supports dual channels to allow up to four drives or non-disk devices (ATAPI CD-ROM and tape drives)
• Pipeline pre-fetched reads and posted writes for concurrent disk and host operations
• Independent access timing for all drives (primary/secondary and master/slave)
• All Enhanced IDE new features may be disabled/enabled via driver or power-on setting by per drive selectability
• ATA/Mode 0-4 PIO speed may be set as default timing of each drive via power-on jumper setting
• Supports slave DMA mode protocol (reserved)
• Supports auto power-down, standby, suspend APM power management state for green PCs
• Primary and secondary channel can be independently enabled/disabled by software or jumper setting
• Supports drivers for DOS, Windows, OS/2, UNIX, and Netware
• Packaged in 100-pin QFP




Similar Part No. - W83759

ManufacturerPart #DatasheetDescription
logo
Winbond
W83757 WINBOND-W83757 Datasheet
1Mb / 29P
SUPER I/O CHIP
More results


Similar Description - W83759

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC8477B NSC-PC8477B Datasheet
577Kb / 54P
Advanced Floppy Disk Controller
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
FLOPPY DISK CONTROLLER
logo
National Semiconductor ...
PC87322VF NSC-PC87322VF Datasheet
1,022Kb / 84P
Floppy Disk Controller with Dual UARTs, Enhanced Parallel Port, and IDE Interface
logo
Advanced Micro Devices
AM95C96 AMD-AM95C96 Datasheet
274Kb / 6P
Optical Disk Controller
logo
List of Unclassifed Man...
OTI-6828 ETC1-OTI-6828 Datasheet
371Kb / 7P
FLASH DISK CONTROLLER
SAB2797B ETC1-SAB2797B Datasheet
1Mb / 30P
Advanced Floppy Disk Formatter/Controller Family
logo
AAEON Technology
9741692005 AAEON-9741692005 Datasheet
113Kb / 1P
Standard 3.5??IDE Hard Disk Drive
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
Floppy Disk Controller
Rev. 02-16-07
logo
Texas Instruments
TPS40051PWPG4 TI1-TPS40051PWPG4 Datasheet
800Kb / 37P
IDE-INPUT SYNCHRONOUS BUCK CONTROLLER
logo
Axiomtek Co., Ltd.
FID AXIOMTEK-FID_17 Datasheet
151Kb / 1P
Flash in Disk-IDE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com