Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W83781 Datasheet (PDF) - Winbond

W83781 Datasheet PDF - Winbond
Part # W83781
Download  W83781 Download
File Size   725.56 Kbytes
Page   28 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description MONITORING IC

W83781 Datasheet (PDF)

Go To PDF Page Download Datasheet
W83781 Datasheet PDF - Winbond

Part # W83781
Download  W83781 Click to download

File Size   725.56 Kbytes
Page   28 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description MONITORING IC

W83781 Datasheet (HTML) - Winbond


W83781 Product details

GENERAL DESCRIPTION

The W83781D/G is a hardware monitoring IC for personal computers, server computers, or microprocessor based systems. W83781D/G can be used to monitor several critical hardware parameters of the system, including power supply voltages, fan speeds, and temperatures, which are very important for a high-end computer system to work stablely and properly. W83781D provides both ISA and I2CTM serial bus interface.

A 8-bit analog-to-digital converter (ADC) was built inside W83781D/G. The W83781D/G can monitor 3 external thermistor temperature sensors, 5 positive analog voltage inputs, two inverting inputs (for monitoring negative voltages), and also three fan tachometer outputs. There is also one input for case open detection circuits.



FEATURES

Monitoring Items

• 3 thermal inputs from remote thermistors

• 5 positive voltage inputs (typical for +12V, +5V, +3.3V, VcoreA, VcoreB)

• 2 op amps for negative voltage monitoring (typical for -12V, -5V)

• 3 fan speed monitoring inputs

• Case open detection input

• WATCHDOG comparison of all monitored values

• Programmable hysteresis and setting points for all monitored items



Actions Enabling

• Warning signal pop up in application software

• Beep tone warning

• Fan ON/OFF control

• Issue SMI#, IRQ to activate system protection



General

• ISA and I2CTM serial bus interface

• 5 VID input pins for CPU Vcore identification

• Initial power fault beep (for +3.3V, VcoreA)

• Master reset input to W83781D/G

• Independent power plane of digital Vcc and analog Vcc (input to IC)

• Intel LDCMTM compatible

• Winbond monitoring application software support

• Input clock rate optional for 24, 48, 14.318 MHz



Package

• 48-pin LQFP



 




Similar Part No. - W83781

ManufacturerPart #DatasheetDescription
logo
Winbond
W83781D WINBOND-W83781D Datasheet
790Kb / 54P
H/W MONITORING IC
W83781G WINBOND-W83781G Datasheet
790Kb / 54P
H/W MONITORING IC
More results


Similar Description - W83781

ManufacturerPart #DatasheetDescription
logo
Winbond
W83782D WINBOND-W83782D Datasheet
387Kb / 44P
MONITORING IC
W83783S WINBOND-W83783S Datasheet
312Kb / 10P
MONITORING IC
W83L784R WINBOND-W83L784R Datasheet
1Mb / 56P
Monitoring IC
W83783S WINBOND-W83783S_04 Datasheet
450Kb / 56P
Monitoring IC
W83L784R WINBOND-W83L784R_05 Datasheet
589Kb / 52P
Monitoring IC
logo
Seiko Instruments Inc
S-8225AAA-TCT1U SII-S-8225AAA-TCT1U Datasheet
1Mb / 26P
BATTERY MONITORING IC
S-8225BAA-TCT1U SII-S-8225BAA-TCT1U Datasheet
1Mb / 24P
BATTERY MONITORING IC
S-8239AAA-M6T1U SII-S-8239AAA-M6T1U Datasheet
2Mb / 30P
OVERCURRENT MONITORING IC
S-8239BAA-M6T1U SII-S-8239BAA-M6T1U Datasheet
1Mb / 25P
OVERCURRENT MONITORING IC
logo
ABLIC Inc.
S-8229 ABLIC-S-8229 Datasheet
568Kb / 27P
BATTERY MONITORING IC
Rev.1.2_00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com