Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W88113CF Datasheet (PDF) - Winbond

W88113CF Datasheet PDF - Winbond
Part # W88113CF
Download  W88113CF Download
File Size   573.41 Kbytes
Page   47 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description ATAPI CD-ROM DECODER & CONTROLLER

W88113CF Datasheet (PDF)

Go To PDF Page Download Datasheet
W88113CF Datasheet PDF - Winbond

Part # W88113CF
Download  W88113CF Click to download

File Size   573.41 Kbytes
Page   47 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description ATAPI CD-ROM DECODER & CONTROLLER

W88113CF Datasheet (HTML) - Winbond


W88113CF Product details

OVERVIEW
Features
Host Interface
•  Support ATAPI CD-ROM standard (SFF 8020)
•  Ultra DMA/33 support to achieve high throughput and data integrity
•  32-byte Data FIFO to increase data throughput
•  Support Block-offset transfer and Linear Address transfer
•  Automatic ATAPI sequence handling
•  Automatic data transfer trigger and cache management

DSP Interface
•  Supports CD-ROM, CD-ROM/XA, CD-I, Video-CD, Photo-CD, and CD-Plus formats
•  Supports various types of microprocessors and DSPs
•  Supports CD-ROM data descrambling
•  Supports both real-time correction and buffer-independent correction
•  One byte error correction per P-word and Q-word
•  Supports error detection of CD-ROM data
•  Automatic repeated error correction
•  Real time EDC checking logic
•  Q-channel extraction by hardware to support precise CD-DA data reading
•  Using pin BCK as subcode reference clock
•  Target Search and Status Flag Collection to minimize micro-processor overhead

Microcontroller Interface
•  Direct Register Addressing (default) and Indirect Register Addressing support
•  Programmable ALE pin
•  Support 2 programmable general I/O ports and one programmable general input port

DRAM Interface
•  Various DRAMs support (128K x 8, 256K x 8, 1M x 8, 64K x 16, 128K x 16, 256K x 16)
•  Supports ring-control-register to add flexibility of DRAM control
•  FPG/EDO DRAM support
•  Programmable DRAM timing
•  Programmable refresh timing

Audio Playback Interface
•  Audio playback in CAV mode
•  Programmable audio data output pin
•  Programmable audio reference clock
•  Flexible left-right mute and volume control
•  IEC-958 Digital Audio output

Miscellaneous
•  Flexible power management
•  Programmable internal system clock (up to 4 times fast of crystal input)
•  Clock output with various frequency
•  100-pin QFP/LQFP package




Similar Part No. - W88113CF

ManufacturerPart #DatasheetDescription
logo
Winbond
W88111AF WINBOND-W88111AF Datasheet
466Kb / 64P
ATAPI CD-ROM DECODER & CONTROLLER
W88112F WINBOND-W88112F Datasheet
466Kb / 64P
ATAPI CD-ROM DECODER & CONTROLLER
More results


Similar Description - W88113CF

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS9246 SAMSUNG-KS9246 Datasheet
756Kb / 126P
ATAPI AUTOMATED CD-ROM CONTROLLER WITH EMBEDDED DRAM
logo
Sanyo Semicon Device
LC895198 SANYO-LC895198 Datasheet
54Kb / 10P
CD-ROM Decoder for 32 x ATAPI (IDE) Drives
logo
Sony Corporation
CXD1199AQ SONY-CXD1199AQ Datasheet
349Kb / 42P
CD-ROM DECODER
CXD1803AQ SONY-CXD1803AQ Datasheet
385Kb / 46P
CD-ROM DECODER
CXD1804AR SONY-CXD1804AR Datasheet
794Kb / 103P
CD-ROM Decoder
CXD1806AQ SONY-CXD1806AQ Datasheet
1Mb / 48P
CD-ROM DECODER
CXD1808AQ SONY-CXD1808AQ Datasheet
1Mb / 53P
CD-ROM DECODER
CXD1812Q SONY-CXD1812Q Datasheet
450Kb / 56P
ATAPI I/F CD-ROM DECODER
logo
Winbond
W88111AF WINBOND-W88111AF Datasheet
466Kb / 64P
ATAPI CD-ROM DECODER & CONTROLLER
logo
Sanyo Semicon Device
LC895199K SANYO-LC895199K Datasheet
65Kb / 12P
32 CD-ROM Decoder with ATAPI (IDE) Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com