Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W89C92 Datasheet (PDF) - Winbond

W89C92 Datasheet PDF - Winbond
Part # W89C92
Download  W89C92 Download
File Size   395.04 Kbytes
Page   48 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description PCMCIA ETHERNET NETWORK TWISTED PAIR INTERFACE CONTROLLER

W89C92 Datasheet (PDF)

Go To PDF Page Download Datasheet
W89C92 Datasheet PDF - Winbond

Part # W89C92
Download  W89C92 Click to download

File Size   395.04 Kbytes
Page   48 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description PCMCIA ETHERNET NETWORK TWISTED PAIR INTERFACE CONTROLLER

W89C92 Datasheet (HTML) - Winbond


W89C92 Product details

GENERAL DESCRIPTION
The W89C926 PENTIC+ is a CMOS device designed for easy implementation of PCMCIA R2.1 compatible CSMA/CD local area networks. The W89C926 combines a W89C902 Serial LAN Coprocessor for Twisted-pair (SLCT) with a PCMCIA Bus Interface (PBI), thus integrating into a single chip all the registers and logic necessary to connect the SLCT to buffer SRAMs, flash memories (or an EEPROM), and the PCMCIA system bus.

FEATURES
• Runs with NE2000 TM or shared memory drivers
• Supports up to 128 KB flash memory (8K/112K for attribute/common memory) or 512 bytes EEPROM (for attribute memory only) for nonvolatile memory
• Uses one 16 KB SRAM or one 32 KB SRAM (if EEPROM is used) for 16 KB Ethernet ring buffer
• Auto-load algorithm provided for power-on initialization
• Supports necessary PCMCIA registers
• Configuration registers allow switchless card setting
• UTP/BNC auto media-switching function provided
• Drives necessary LEDs for network status display
• Single 5V power supply with low power consumption
• 100-pin thin package (TQFP) fits into PCMCIA Type II profile




Similar Part No. - W89C92

ManufacturerPart #DatasheetDescription
logo
Winbond
W89C940 WINBOND-W89C940 Datasheet
353Kb / 61P
ELANC-PCI (TWISTED-PAIR ETHER-LAN CONTROLLER WITH PCI INTERFACE)
W89C982 WINBOND-W89C982 Datasheet
277Kb / 28P
INTEGRATED MULTIPLE REPEATER II
W89C982AF WINBOND-W89C982AF Datasheet
277Kb / 28P
INTEGRATED MULTIPLE REPEATER II
More results


Similar Description - W89C92

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83902A NSC-DP83902A Datasheet
851Kb / 70P
ST-NICTM Serial Network Interface Controller for Twisted Pair
DP83905 NSC-DP83905 Datasheet
1Mb / 80P
AT Local Area Network Twisted-Pair Interface Controller
DP83934CVUL-20 NSC-DP83934CVUL-20 Datasheet
1Mb / 104P
MHz SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
DP83936AVUL-20 NSC-DP83936AVUL-20 Datasheet
1Mb / 104P
Full Duplex SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
logo
OKI electronic componet...
MSM60802 OKI-MSM60802 Datasheet
2Mb / 39P
PCMCIA Host Interface Controller
logo
Advanced Micro Devices
AM79C98 AMD-AM79C98 Datasheet
213Kb / 22P
Twisted-Pair Ethernet Transceiver (TPEX)
logo
Level One
LXT902 LVL1-LXT902 Datasheet
404Kb / 14P
Ethernet Twisted-Pair Media Attachment Unit
LXT906 LVL1-LXT906 Datasheet
750Kb / 10P
Ethernet Twisted-Pair/Coax Adapter
logo
Gamewell-FCI by Honeywe...
RPT-E3-UTP GAMEWELL-FCI-RPT-E3-UTP Datasheet
46Kb / 1P
Network Repeaters, unshielded, twisted-pair
logo
Texas Instruments
DP83934 TI1-DP83934 Datasheet
1Mb / 106P
DP83934CVUL-20/25 MHz SONIC(TM)-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com