Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XVC5002 Datasheet (PDF) - RF Monolithics, Inc

XVC5002 Datasheet PDF - RF Monolithics, Inc
Part # XVC5002
Download  XVC5002 Download
File Size   438.33 Kbytes
Page   3 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 122.88 MHz VCXO

XVC5002 Datasheet (PDF)

Go To PDF Page Download Datasheet
XVC5002 Datasheet PDF - RF Monolithics, Inc

Part # XVC5002
Download  XVC5002 Click to download

File Size   438.33 Kbytes
Page   3 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 122.88 MHz VCXO

XVC5002 Datasheet (HTML) - RF Monolithics, Inc




Similar Part No. - XVC5002

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XVC1B1K SCHNEIDER-XVC1B1K Datasheet
88Kb / 3P
Harmony XVC
Jan 13, 2022
XVC4B1 SCHNEIDER-XVC4B1 Datasheet
83Kb / 4P
Complete pre wired monolithic tower light, Harmony XVC, red, 40 mm, tube mounting, steady, without buzzer, IP23, 24 V AC DC
May 24, 2021
XVC4B15S SCHNEIDER-XVC4B15S Datasheet
88Kb / 4P
Complete pre wired monolithic tower light, Harmony XVC, red, 40 mm, tube mounting, steady or flashing, with buzzer 70...85 dB, IP23, 100...240 V AC
May 24, 2021
XVC4B1K SCHNEIDER-XVC4B1K Datasheet
112Kb / 4P
Complete pre wired monolithic tower light, Harmony XVC, red, 40 mm
XVC4B2 SCHNEIDER-XVC4B2 Datasheet
84Kb / 4P
Complete pre wired monolithic tower light, Harmony XVC, red orange, 40 mm, tube mounting, steady, without buzzer, IP23, 24 V AC DC
May 24, 2021
More results


Similar Description - XVC5002

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TX0144A TAI-SAW-TX0144A Datasheet
184Kb / 5P
7.0x5.0 VCXO 24.576 MHz
TX0147A TAI-SAW-TX0147A Datasheet
173Kb / 4P
7.0x5.0 VCXO 54 MHz
TX0148A TAI-SAW-TX0148A Datasheet
181Kb / 4P
7.0x5.0 VCXO 27 MHz
TX0158A TAI-SAW-TX0158A Datasheet
197Kb / 5P
7.0x5.0 VCXO 35.328 MHz
TX0171A TAI-SAW-TX0171A Datasheet
208Kb / 5P
7.0x5.0 VCXO 100 MHz
TX0172A TAI-SAW-TX0172A Datasheet
208Kb / 5P
7.0x5.0 VCXO 125 MHz
TX0215A TAI-SAW-TX0215A Datasheet
188Kb / 5P
7.0x5.0 36 MHz VCXO
TX0444A TAI-SAW-TX0444A Datasheet
365Kb / 7P
7.0x5.0 VCXO 122.88 MHz
REV. NO.:1.0
TX0460A TAI-SAW-TX0460A Datasheet
350Kb / 7P
7.0x5.0 VCXO 32 MHz
REV. NO.:1
TX0582A TAI-SAW-TX0582A Datasheet
163Kb / 8P
7.0x5.0 VCXO 61.44 MHz
REV. NO.:1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com