Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XVT9001 Datasheet (PDF) - RF Monolithics, Inc

XVT9001 Datasheet PDF - RF Monolithics, Inc
Part # XVT9001
Download  XVT9001 Download
File Size   288.89 Kbytes
Page   3 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 19.200 MHz VCTCXO

XVT9001 Datasheet (PDF)

Go To PDF Page Download Datasheet
XVT9001 Datasheet PDF - RF Monolithics, Inc

Part # XVT9001
Download  XVT9001 Click to download

File Size   288.89 Kbytes
Page   3 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 19.200 MHz VCTCXO

XVT9001 Datasheet (HTML) - RF Monolithics, Inc




Similar Part No. - XVT9001

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
XVT9002 RFM-XVT9002 Datasheet
285Kb / 3P
26 MHz VCTCXO
XVT9002-1 RFM-XVT9002-1 Datasheet
284Kb / 3P
26 MHz VCTCXO
XVT9003 RFM-XVT9003 Datasheet
284Kb / 3P
Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9003-1 RFM-XVT9003-1 Datasheet
462Kb / 3P
Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9005 RFM-XVT9005 Datasheet
453Kb / 3P
Voltage Controlled Temperature Compensated Crystal Oscillator
More results


Similar Description - XVT9001

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6282 MAS-MAS6282 Datasheet
106Kb / 5P
IC FOR 6.50 - 40.00 MHz VCTCXO
MAS1175 MAS-MAS1175 Datasheet
123Kb / 9P
IC FOR 10.00 - 20.00 MHz VCTCXO
MAS9270 MAS-MAS9270 Datasheet
129Kb / 9P
IC FOR 10.00 - 30.00 MHz VCTCXO
MAS9276 MAS-MAS9276 Datasheet
125Kb / 8P
IC for 10.00 - 30.00 MHz VCTCXO
MAS9279 MAS-MAS9279 Datasheet
177Kb / 10P
IC FOR 10.00 - 52.00 MHz VCTCXO
logo
RF Monolithics, Inc
XVT9002 RFM-XVT9002 Datasheet
285Kb / 3P
26 MHz VCTCXO
XVT9002-1 RFM-XVT9002-1 Datasheet
284Kb / 3P
26 MHz VCTCXO
logo
Micro Analog systems
MAS6279B MAS-MAS6279B Datasheet
165Kb / 9P
IC FOR 5.00 ??64.00 MHz VCTCXO
MAS6279D8 MAS-MAS6279D8 Datasheet
594Kb / 12P
IC FOR 5.00 ??64.00 MHz VCTCXO
logo
TAI-SAW TECHNOLOGY CO.,...
TX0308A TAI-SAW-TX0308A Datasheet
140Kb / 7P
VCTCXO 3.2x2.5mm 30.000 MHz
REV. NO.: 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com