Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W91560DN Datasheet (PDF) - Winbond

W91560DN Datasheet PDF - Winbond
Part # W91560DN
Download  W91560DN Download
File Size   487.36 Kbytes
Page   33 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 3-MEMORY TONE/PULSE DIALER WITH RTC AND LCD DISPALY FUNCTIONS

W91560DN Datasheet (PDF)

Go To PDF Page Download Datasheet
W91560DN Datasheet PDF - Winbond

Part # W91560DN
Download  W91560DN Click to download

File Size   487.36 Kbytes
Page   33 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 3-MEMORY TONE/PULSE DIALER WITH RTC AND LCD DISPALY FUNCTIONS

W91560DN Datasheet (HTML) - Winbond


W91560DN Product details

GENERAL DESCRIPTION
The W91560DN series ICs are Si-gate CMOS ICs that provide the signals needed for either pulse or tone dialing. They feature 3 number memories and a 12/16-digit LCD driver for displaying telephone numbers and calling time. A real time clock is included to display the time of day. The W91560DN series is fabricated using CMOS technology and thus provide good performance in low voltage, low power applications.

FEATURES
• One by 32 digits for redial
• Three by 32 digits for one-touch direct repertory memory
• Uses 5 ´ 6 keyboard
• Pause, Pulse-to-tone (*/T) can be stored as a digit in memory
• Flash can be stored as a digit in memory when in store mode
• Minimum tone output duration: 87 mS (81 mS for W91564DNF and W91565DNF)
• Minimum intertone pause: 87 mS
• Tone/Pulse mode pin selectable
• Make/Break ratio pin selectable
• Dialing rate: 10 ppS
• Pause time: 3.6 Sec. (2.0 Sec. for W91564DNF and W91565DNF)
• Flash break time (73 mS, 100 mS, 300 mS or 600 mS) selectable by keypad
• Built-in 12 or 16-digit LCD driver (1/4 duty, 1/3 bias) selectable by mask option
• Built-in calling timer from [00:00] to [59:59]
• Memory check function
• On-chip power-on reset and clear LCD
• Uses 3.579545 MHz TV quartz crystal or ceramic resonator
• Uses 32768 Hz crystal as RTC frequency base
• Switchable 24-hour clock or 12-hour clock with p.m. mode by keypad
• 0 or 9 dialing inhibition pin for PABX systems or long distance dialing lock out
• On-hook debounce: 150 mS in normal mode and 20 mS in lock mode
• Off-hook delay 300 mS in lock mode (DP will keep low for 300 mS while off hook except the first off hook after power on reset that DP will keep high for 100 mS then go low for 200 mS)
• First key-in delay: 300 mS in lock mode
• Mixed dialing allowed
• Packaged in 64-pin plastic QFP with RTC




Similar Part No. - W91560DN

ManufacturerPart #DatasheetDescription
logo
Winbond
W91560AN WINBOND-W91560AN Datasheet
220Kb / 18P
3-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK AND HANDFREE FUNCTIONS
W91560BN WINBOND-W91560BN Datasheet
220Kb / 18P
3-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK AND HANDFREE FUNCTIONS
W91560N WINBOND-W91560N Datasheet
220Kb / 18P
3-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK AND HANDFREE FUNCTIONS
More results


Similar Description - W91560DN

ManufacturerPart #DatasheetDescription
logo
Winbond
W91510DN WINBOND-W91510DN Datasheet
453Kb / 30P
TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
W91550DN WINBOND-W91550DN Datasheet
468Kb / 32P
13-MEMORY TONE/PULSE DIALER WITH LCD AND LOCK FUNCTION
W91560N WINBOND-W91560N Datasheet
220Kb / 18P
3-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK AND HANDFREE FUNCTIONS
W91570DN WINBOND-W91570DN Datasheet
709Kb / 45P
23-MEMORY TONE/PULSE DIALER WITH AUTOREDIAL REC AND LCD DISPLAY FUNCTIONS
W91580 WINBOND-W91580 Datasheet
216Kb / 19P
24-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE AND HOLD FUNCTIONS
W91590 WINBOND-W91590 Datasheet
226Kb / 20P
24-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE, HOLD AND LOCK FUNCTIONS
W91810N WINBOND-W91810N Datasheet
238Kb / 26P
23-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91820N WINBOND-W91820N Datasheet
260Kb / 22P
13-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91F810N WINBOND-W91F810N Datasheet
221Kb / 26P
23-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91F820N WINBOND-W91F820N Datasheet
231Kb / 20P
13-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com