Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHW930 Datasheet (PDF) - Motorola, Inc

MHW930 Datasheet PDF - Motorola, Inc
Part # MHW930
Download  MHW930 Download
File Size   52.81 Kbytes
Page   3 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 30 W 925.960 MHz RF POWER AMPLIFIER

MHW930 Datasheet (PDF)

Go To PDF Page Download Datasheet
MHW930 Datasheet PDF - Motorola, Inc

Part # MHW930
Download  MHW930 Click to download

File Size   52.81 Kbytes
Page   3 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 30 W 925.960 MHz RF POWER AMPLIFIER

MHW930 Datasheet (HTML) - Motorola, Inc


MHW930 Product details

The RF Line

UHF Silicon FET Power Amplifier



Designed specifically for the Pan European Digital Extended EGSM base station applications at 925 – 960 MHz. The MHW930 operates from a 26 volt supply and requires 60 mW of RF input power.



• Specified 26 Volt and 25 °C Characteristics:

   RF Input Power: 60 mW Max

   RF Power Gain: 27 dB Min at 30 W Output Power

   RF Output: 30 Watts Min at 1.0 dB Compression Point

   Efficiency: 44% Min at 30 Watts Output Power

• 50 Ohm Input/Output Impedances



 




Similar Part No. - MHW930

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW932 MOTOROLA-MHW932 Datasheet
117Kb / 6P
32 W 890 to 915 MHz RF POWER AMPLIFIER
More results


Similar Description - MHW930

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW932 MOTOROLA-MHW932 Datasheet
117Kb / 6P
32 W 890 to 915 MHz RF POWER AMPLIFIER
logo
DAICO Industries, Inc.
CAMD6254 DAICO-CAMD6254 Datasheet
111Kb / 1P
30 MHz RF Driver Amplifier
logo
Communications & Power ...
4CW10-000A CPI-4CW10-000A Datasheet
93Kb / 1P
RF amplifier to 30 MHz
4CX1500A CPI-4CX1500A Datasheet
99Kb / 1P
RF Amplifier at 30 MHz
4CX3000A CPI-4CX3000A Datasheet
100Kb / 1P
RF amplifier at 30 MHz
5CX3000A CPI-5CX3000A Datasheet
94Kb / 1P
RF amplifier at 30 MHz
logo
TriQuint Semiconductor
AGR19030EF TRIQUINT-AGR19030EF Datasheet
355Kb / 10P
30 W, 1930 MHz-1990 MHz, PCS LDMOS RF Power Transistor
logo
Infineon Technologies A...
PTMA080302M INFINEON-PTMA080302M Datasheet
204Kb / 11P
Wideband RF LDMOS Integrated Power Amplifier 30 W, 700 ??1000 MHz
Rev. 04, 2010-04-16
PTMA080152M INFINEON-PTMA080152M_10 Datasheet
350Kb / 11P
Wideband RF LDMOS Integrated Power Amplifier 30 W, 700-1000 MHz
Rev. 05.1, 2010-11-09
PTMA080304M INFINEON-PTMA080304M Datasheet
674Kb / 16P
Dual Wideband RF LDMOS Power Amplifier 30 W, 700-1000 MHz
Rev. 02, 2010-06-02
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com