Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR3200 Datasheet (PDF) - Gaomi Xinghe Electronics Co., Ltd.

SR3200 Datasheet PDF - Gaomi Xinghe Electronics Co., Ltd.
Part # SR3200
Download  SR3200 Download
File Size   324.97 Kbytes
Page   2 Pages
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.
Description SCHOTTKY BARRIER RECTIFLER

SR3200 Datasheet (PDF)

Go To PDF Page Download Datasheet
SR3200 Datasheet PDF - Gaomi Xinghe Electronics Co., Ltd.

Part # SR3200
Download  SR3200 Click to download

File Size   324.97 Kbytes
Page   2 Pages
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.
Description SCHOTTKY BARRIER RECTIFLER

SR3200 Datasheet (HTML) - Gaomi Xinghe Electronics Co., Ltd.


SR3200 Product details

Reverse Voltage - 20 to 200 Volts

Forward Current - 3.0Amperes



FEATURES

Plastic package has Underwriters Laboratory Flammability Classification 94V-0

Metal silicon junction ,majority carrier conduction

Guard ring for overvoltage protection

Low power loss ,high efficiency

High current capability ,Low forward voltage drop

High surge capability

For use in low voltage ,high frequency inverters,

free wheeling ,and polarity protection applications

High temperature soldering guaranteed:260 C/10 seconds at terminals



MECHANICAL DATA

Case: JEDEC DO-15  molded plastic body

Terminals: Plated axial leads, solderable per MIL-STD-750,method 2026

Polarity: color band denotes cathode end

Mounting Position: Any

Weight: 0.014ounce, 0.39 gram




Similar Part No. - SR3200

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
SR3200 SEMTECH_ELEC-SR3200 Datasheet
216Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SR3200 SECOS-SR3200 Datasheet
145Kb / 2P
VOLTAGE 200V 3.0 Amp Schottky Barrier Rectifiers
SR3200 SECOS-SR3200 Datasheet
147Kb / 2P
3.0 Amp Schottky Barrier Rectifiers
logo
Micro Commercial Compon...
SR3200 MCC-SR3200 Datasheet
273Kb / 3P
3 Amp Schottky Barrier Rectifier 200 Volts
logo
Shenzhen Luguang Electr...
SR3200 LUGUANG-SR3200 Datasheet
160Kb / 2P
3.0 AMP. Schottky Barrier Rectifiers
More results


Similar Description - SR3200

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
1N5817 GXELECTRONICS-1N5817 Datasheet
325Kb / 2P
SCHOTTKY BARRIER RECTIFLER
1N5820 GXELECTRONICS-1N5820 Datasheet
323Kb / 2P
SCHOTTKY BARRIER RECTIFLER
10SQ050 GXELECTRONICS-10SQ050 Datasheet
453Kb / 2P
SCHOTTKY BARRIER RECTIFLER
12SQ045 GXELECTRONICS-12SQ045 Datasheet
396Kb / 2P
SCHOTTKY BARRIER RECTIFLER
SR220 GXELECTRONICS-SR220 Datasheet
321Kb / 2P
SCHOTTKY BARRIER RECTIFLER
SR820S GXELECTRONICS-SR820S Datasheet
344Kb / 2P
SCHOTTKY BARRIER RECTIFLER
SR1020 GXELECTRONICS-SR1020 Datasheet
343Kb / 2P
SCHOTTKY BARRIER RECTIFLER
SR1535 GXELECTRONICS-SR1535 Datasheet
350Kb / 2P
SCHOTTKY BARRIER RECTIFLER
SS32 GXELECTRONICS-SS32 Datasheet
330Kb / 2P
SCHOTTKY BARRIER RECTIFLER
SS52 GXELECTRONICS-SS52 Datasheet
360Kb / 2P
SCHOTTKY BARRIER RECTIFLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com