Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS515 Datasheet (PDF) - Gaomi Xinghe Electronics Co., Ltd.

SS515 Datasheet PDF - Gaomi Xinghe Electronics Co., Ltd.
Part # SS515
Download  SS515 Download
File Size   360.61 Kbytes
Page   2 Pages
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.
Description SCHOTTKY BARRIER RECTIFLER

SS515 Datasheet (PDF)

Go To PDF Page Download Datasheet
SS515 Datasheet PDF - Gaomi Xinghe Electronics Co., Ltd.

Part # SS515
Download  SS515 Click to download

File Size   360.61 Kbytes
Page   2 Pages
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.
Description SCHOTTKY BARRIER RECTIFLER

SS515 Datasheet (HTML) - Gaomi Xinghe Electronics Co., Ltd.


SS515 Product details

Reverse Voltage - 20 to 200 Volts
Forward Current - 5.0Amperes

FEATURES
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
Metal silicon junction ,majority carrier conduction
For surface mount applications
Low power loss ,high efficiency
High current capability ,Low forward voltage drop
Low profile package
Built-in strain relief ,ideal for automated placement
For use in low voltage ,high frequency inverters, free wheeling ,and polarity protection applications
High temperature soldering guaranteed:260℃/10 seconds at terminals

MECHANICAL DATA
Case: JEDEC SMC(DO-214AB)  molded plastic body
Terminals: solder plated ,solderable per MIL-STD-750,method 2026
Polarity: color band denotes cathode end
Weight: 0.007ounce,0.21 gram




Similar Part No. - SS515

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
SS515 CHENDA-SS515 Datasheet
360Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 5.0Amperes
SS515 CHENDA-SS515 Datasheet
360Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 5.0Amperes
logo
Formosa MS
SS515 FORMOSA-SS515 Datasheet
120Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Thinki Semiconductor Co...
SS515 THINKISEMI-SS515 Datasheet
410Kb / 2P
5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SHENZHEN YONGERJIA INDU...
SS515 WINNERJOIN-SS515 Datasheet
184Kb / 5P
Surface Mount Schottky Barrier
More results


Similar Description - SS515

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
1N5817 GXELECTRONICS-1N5817 Datasheet
325Kb / 2P
SCHOTTKY BARRIER RECTIFLER
1N5820 GXELECTRONICS-1N5820 Datasheet
323Kb / 2P
SCHOTTKY BARRIER RECTIFLER
10SQ050 GXELECTRONICS-10SQ050 Datasheet
453Kb / 2P
SCHOTTKY BARRIER RECTIFLER
12SQ045 GXELECTRONICS-12SQ045 Datasheet
396Kb / 2P
SCHOTTKY BARRIER RECTIFLER
SR220 GXELECTRONICS-SR220 Datasheet
321Kb / 2P
SCHOTTKY BARRIER RECTIFLER
SR320 GXELECTRONICS-SR320 Datasheet
324Kb / 2P
SCHOTTKY BARRIER RECTIFLER
SR820S GXELECTRONICS-SR820S Datasheet
344Kb / 2P
SCHOTTKY BARRIER RECTIFLER
SR1020 GXELECTRONICS-SR1020 Datasheet
343Kb / 2P
SCHOTTKY BARRIER RECTIFLER
SR1535 GXELECTRONICS-SR1535 Datasheet
350Kb / 2P
SCHOTTKY BARRIER RECTIFLER
SS32 GXELECTRONICS-SS32 Datasheet
330Kb / 2P
SCHOTTKY BARRIER RECTIFLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com