Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W9922 Datasheet (PDF) - Winbond

W9922 Datasheet PDF - Winbond
Part # W9922
Download  W9922 Download
File Size   32.45 Kbytes
Page   1 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description DVD A/V Decoder

W9922 Datasheet (PDF)

Go To PDF Page Download Datasheet
W9922 Datasheet PDF - Winbond

Part # W9922
Download  W9922 Click to download

File Size   32.45 Kbytes
Page   1 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description DVD A/V Decoder

W9922 Datasheet (HTML) - Winbond


W9922 Product details

GENERAL DESCRIPTION

The W9922QF is a high performance single-chip DVD decoder. It performs real-time decompression of

ISO/IEC-11172 MPEG1 and 13818 MPEG2 streams, including system/ program layer, audio and video data.

It incorporates an 8-bit/16-bit host interface and a configurable parallel DVD/CD interface. Also, its

versatile features help to build high-quality and cost-effective standalone DVD or SVCD Player.



FEATURES

System

· MPEG 1 system and MPEG2 program/audio/video decoding and synchronization

· DVD/SVCD/VCD/CD compatibility

· Configurable parallel DVD interface

· Standard 4-Pin CD Interface

· Standard ATAPI/IDE interface

· Supports input data Rate up to 20 Mbps

· 8051 or general 16-bit processor interface

· Supports 1M ´ 16 bit SDRAM

· High quality error concealment

· Decrypts DVD CSS

· Supports trick playback commands

· Power management mode



Audio Decoding

· Decodes MPEG2, MPEG1 Audio (layer 1, 2)

· Decodes Dolby DigitalÒ AC-3 5.1-channel and down mixing to 2-channel

· Supports Linear PCM, CD-DA audio

· Outputs serial PCM audio data with 16, 18, 20 and 24 bits resolution

· Supports sampling rate at 16, 22.05, 24, 32, 44.1, 48, 96 KHz

· Supports Karaoke function, vocal or guide melody channel, key-shift

· S/PDIF outputs meet IEC958 specs

· Digital mute control and volume adjustment




Video Decoding

· Decodes MPEG2 MP@ML, MPEG1 video bitstreams

· Decode DVD, SVCD (D1, 2/3 D1, 1/2 D1), VCD

· Supports 720 ´ 480 at 30 Hz and 720 ´ 576 at 25 Hz

· Supports 8 bits YCbCr

· On-chip TV, NTSC/PAL, timing generator

· DVD sub-picture and highlight processing

· Supports SVCD OGT functions

· Supports aspect ratios in 16:9 and 4:3 TV, by Pan & Scan and Letter Box conversion

· Frame rate conversion

· Video digest functions

· Horizontal and vertical scaling

· BrightViewÒ (g-correction), Normal, Bright, Soft

· Flexible zooming, x1/4, x1/2 to x2, x4

· Fade in/out control

· OSD 2/4/8-bit per pixel with Alpha-blending, translucency, transparency

· OSD Run-length encoding at 8bits

· Full screen OSD



Physical

· 3.3 Volt operation with input 5 Volt

· 160-pin PQFP



APPLICATIONS

Following figure shows a typical configuration of DVD player application.




Similar Part No. - W9922

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W9922 PULSE-W9922 Datasheet
74Kb / 1P
iDAS splitter bracket
More results


Similar Description - W9922

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC897127K SANYO-LC897127K Datasheet
79Kb / 14P
SCSI CD-ROM Decoder with On-Chip DVD Interface
logo
Winbond
W9925PF WINBOND-W9925PF Datasheet
21Kb / 1P
MPEG-1 A/V SYSTEM DECODER
logo
National Semiconductor ...
NDV8401 NSC-NDV8401 Datasheet
72Kb / 3P
DVD on a Chip Processor
logo
List of Unclassifed Man...
SPHE8200A ETC1-SPHE8200A Datasheet
1Mb / 40P
DVD SINGLE CHIP MPEG A/V PROCESSOR
logo
Panasonic Semiconductor
MN6775511 PANASONIC-MN6775511 Datasheet
73Kb / 2P
AV Decoder LSI for DVD Recorder MN6775511
logo
National Semiconductor ...
NDV8501 NSC-NDV8501 Datasheet
75Kb / 3P
DVD on a Chip Processor
logo
STMicroelectronics
STE5588 STMICROELECTRONICS-STE5588 Datasheet
197Kb / 3P
DVD and DVB decoder for video and audio with DVD audio support
2004-Dec
logo
Zoran Corporation
ZR36710 ZORAN-ZR36710 Datasheet
24Kb / 2P
Vaddis III??INTEGRATED DVD DECODER
ZR36730 ZORAN-ZR36730 Datasheet
43Kb / 2P
INTEGRATED DVD DECODER
logo
List of Unclassifed Man...
SPHE8281D ETC2-SPHE8281D Datasheet
532Kb / 35P
DVD Single Chip MPEG A/V Processor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com