Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1376 Datasheet (PDF) - Analog Devices

AD1376 Datasheet PDF - Analog Devices
Part # AD1376
Download  AD1376 Download
File Size   174.78 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete, High Speed 16-Bit A/D Converters

AD1376 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1376 Datasheet PDF - Analog Devices

Part # AD1376
Download  AD1376 Click to download

File Size   174.78 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete, High Speed 16-Bit A/D Converters

AD1376 Datasheet (HTML) - Analog Devices


AD1376 Product details

PRODUCT DESCRIPTION
The AD1376/AD1377 are high resolution, 16-bit analog-to-digital converters with internal reference, clock and laser-trimmed thin-film applications resistors. They are packaged in a compact 32-pin, ceramic scam sealed (hermetic) dual-in-line packages (DIP). Thin-film scaling resistors provide bipolar input ranges of ±2.5 V, ±5 V, ±10 V and unipolar input ranges of 0 V to +5 V, 0 V to +10 V and 0 V to +20 V.

FEATURES
    Complete 16-Bit Converters with Reference and Clock
    60.003% Maximum Nonlinearity
    No Missing Codes to 14 Bits over Temperature
    Fast Conversion
        17 μs to 16 Bits (AD1376)
        10 μs to 16 Bits (AD1377)
    Short Cycle Capability
    Adjustable Clock Rate
    Parallel and Serial Outputs
    Low Power: 645 mW Typical (AD1376) 585 mW Typical (AD1377)
    Industry Standard Pinout




Similar Part No. - AD1376

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1376 AD-AD1376 Datasheet
573Kb / 8P
Complete, High Speed 16-Bit A/D Converter
AD1376JD AD-AD1376JD Datasheet
573Kb / 8P
Complete, High Speed 16-Bit A/D Converter
AD1376KD AD-AD1376KD Datasheet
573Kb / 8P
Complete, High Speed 16-Bit A/D Converter
AD1376 AD-AD1376_15 Datasheet
403Kb / 12P
Complete, High Speed 16-Bit A/D Converters
REV. D
More results


Similar Description - AD1376

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1316 AD-AD1316 Datasheet
573Kb / 8P
Complete, High Speed 16-Bit A/D Converter
AD674B AD-AD674B Datasheet
247Kb / 12P
Complete 12-Bit A/D Converters
4/02-REV.C
ADADC71 AD-ADADC71 Datasheet
647Kb / 8P
Complete, High Resolution 16-Bit A/D Converters
AD774BJNZ AD-AD774BJNZ Datasheet
174Kb / 12P
Complete 12-Bit A/D Converters
REV. C
AD674BTE AD-AD674BTE Datasheet
174Kb / 12P
Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B_15 Datasheet
174Kb / 12P
Complete 12-Bit A/D Converters
REV. C
AD774B AD-AD774B_15 Datasheet
174Kb / 12P
Complete 12-Bit A/D Converters
REV. C
AD1376 AD-AD1376_15 Datasheet
403Kb / 12P
Complete, High Speed 16-Bit A/D Converters
REV. D
AD1377 AD-AD1377_15 Datasheet
403Kb / 12P
Complete, High Speed 16-Bit A/D Converters
REV. D
ADADC85 AD-ADADC85_15 Datasheet
1Mb / 12P
Fast, Complete 12-Bit A/D Converters
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com