Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1804 Datasheet (PDF) - Analog Devices

AD1804 Datasheet PDF - Analog Devices
Part # AD1804
Download  AD1804 Download
File Size   39.91 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description U.S./International Modem DAA Line Codec Chipset

AD1804 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1804 Datasheet PDF - Analog Devices

Part # AD1804
Download  AD1804 Click to download

File Size   39.91 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description U.S./International Modem DAA Line Codec Chipset

AD1804 Datasheet (HTML) - Analog Devices


AD1804 Product details

GENERAL DESCRIPTION

The AD1803 is a low power, 16-bit codec for modem, voice/handset, and telephony applications. It can also be used as a cellular telephone interface.

The AD1803 is an Intel AC 97 Rev 2.1-compliant modem codec (refer to documentation about the Intel AC 97) with selectable AC 97 or a DSP-style serial interface.

The AD1803 codec uses high performance Σ-Δ ADCs and DACs with programmable gain/attenuation. It has a digital Σ-Δ monitor output with selectable mix from ADC and DAC channels for call progress monitoring.

The AD1803 supports advanced power management with several power saving modes. The codec supports seven general purpose input/output (GPIO) pins and a wake interrupt signaling mechanism on GPIO events.

The AD1803JRUZ is a lead-free environmentally friendly product. It is manufactured using the most up-to-date mate rials and processes. The coating on the leads of each device is 100% pure tin electroplate. The device is suitable for lead-free applications and can withstand surface-mount soldering at up to 255°C (±5°C). In addition, it is backward compatible with conventional tin-lead soldering processes. This means that the electroplated tin coating can be soldered with tin-lead solder pastes at reflow temperatures of 220°C to 235°C.



FEATURES

  Low power modem/telephony codec

  16-bit oversampling Σ-Δ converter technology

  Intel® AC ‘97 Rev 2.1-compliant modem codec implementation

  AC ‘97 or DSP style serial interface

  Supports all modem/fax standards, including V.90

  Multiple crystal/clock rates supported

  Programmable gain, attenuation, and mute

  On-chip signal filters

     Digital interpolation and decimation filters

     Analog output low pass

  Programmable sample rates

     From 6.4 kHz to 16 kHz

     With 1 Hz, 8/7 Hz, and 10/7 Hz resolution

  Digital codec engine with variable sample rate conversion

  Digital monitor speaker output

  24-lead TSSOP

  0.6 μm CMOS technology

  Operation from 3.3 V or 5 V supply

  Advanced power management



APPLICATIONS

  Modems (PC and embedded)

  Voice and telephony

  Fax machines, answering machines, speakerphones

  PBX systems

  Smart appliances



 




Similar Part No. - AD1804

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1803 AD-AD1803 Datasheet
5Mb / 32P
Modem/Telephony Codec
REV. A
AD1803 AD-AD1803_15 Datasheet
5Mb / 32P
Modem/Telephony Codec
REV. A
logo
List of Unclassifed Man...
AD180S ETC1-AD180S Datasheet
213Kb / 4P
Fast Asymmetric Thyristors
More results


Similar Description - AD1804

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UCB1510 PHILIPS-UCB1510 Datasheet
730Kb / 32P
AC97 digital modem codec
Rev. 01 - 4 February 2000
logo
STMicroelectronics
ST7536 STMICROELECTRONICS-ST7536 Datasheet
100Kb / 9P
POWER LINE MODEM
Nov-1998
logo
Wolfson Microelectronic...
WM9704M WOLFSON-WM9704M Datasheet
270Kb / 37P
AMC97 Audio and Modem Codec
logo
Integrated Device Techn...
IDT82V1671 IDT-IDT82V1671 Datasheet
1Mb / 107P
CHIPSET OF RINGING SUBSCRIBER LINE INTERFACE CIRCUIT (RSLIC) & QUAD PROGRAMMABLE PCM CODEC
logo
NXP Semiconductors
NE5050 PHILIPS-NE5050 Datasheet
656Kb / 6P
Power line modem
April 15 1992
logo
List of Unclassifed Man...
FS116A ETC2-FS116A Datasheet
18Kb / 1P
U.S. Electrical On-Line Catalog
logo
Analog Devices
AD1803 AD-AD1803_15 Datasheet
5Mb / 32P
Modem/Telephony Codec
REV. A
logo
IXYS Corporation
CPC5622 IXYS-CPC5622 Datasheet
500Kb / 18P
Phone Line Interface IC (DAA)
logo
Texas Instruments
PCM3500 TI1-PCM3500_08 Datasheet
401Kb / 30P
VOICE/MODEM CODEC
PCM3501 TI1-PCM3501_08 Datasheet
384Kb / 28P
VOICE/MODEM CODEC
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com