Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1857 Datasheet (PDF) - Analog Devices

AD1857 Datasheet PDF - Analog Devices
Part # AD1857
Download  AD1857 Download
File Size   263.66 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs

AD1857 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1857 Datasheet PDF - Analog Devices

Part # AD1857
Download  AD1857 Click to download

File Size   263.66 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs

AD1857 Datasheet (HTML) - Analog Devices


AD1857 Product details

PRODUCT OVERVIEW
The AD1857/AD1858 are complete single-chip stereo digital audio playback components. They each comprise an advanced digital interpolation filter, a revolutionary “linearity-compensated” multibit sigma-delta (∑∆) modulator with dither, a jitter-tolerant DAC, switched capacitor and continuous time analog filters and analog output drive circuitry. Other features include digital de-emphasis processing and mute. The AD1857/AD1858 support continuously variable sample rates with essentially linear phase response, and support 50/15 µs digital de-emphasis intended for “Redbook” 44.1 kHz sample frequency playback from Compact Discs. The user must provide a master clock that is synchronous with the left/right clock at 256 or 384 times the intended sample frequency.

FEATURES
    Low Cost, High Performance Stereo DACs
    128 Times Oversampling Interpolation Filter
    Multibit SD Modulator with Triangular PDF Dither
    Discrete Time and Continuous Time Analog Reconstruction Filters
    Extremely Low Out-of-Band Energy
    Buffered Outputs with 2 kV Output Load Drive
    94 dB Dynamic Range, –90 dB THD+N Performance
    Digital De-emphasis and Mute
    60.18C Maximum Phase Linearity Deviation
    Continuously Variable Sample Rate Support
    Power-Down Mode
    16-, 18- and 20-Bit I2S-Justified, Left-Justified Modes Offered on AD1857
    Accepts 24-Bit Word
    16-Bit Right-Justified and DSP Serial Port Modes Offered on AD1858
    Single +5 V Supply
    20-Pin SSOP Package

APPLICATIONS
    Digital Cable TV and Direct Broadcast Satellite Set-Top Decoder Boxes
    Video Laser Disk, Video CD and CD-I Players
    High Definition Televisions, Digital Audio Broadcast Receivers
    CD, CD-R, DAT, DCC and MD Players
    Digital Audio Workstations, Computer Multimedia Products




Similar Part No. - AD1857

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1857JRS AD-AD1857JRS Datasheet
177Kb / 16P
Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
AD1857JRSRL AD-AD1857JRSRL Datasheet
177Kb / 16P
Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
AD1857JRSZ AD-AD1857JRSZ Datasheet
177Kb / 16P
Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
AD1857 AD-AD1857_15 Datasheet
266Kb / 16P
Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
More results


Similar Description - AD1857

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7535 STMICROELECTRONICS-TDA7535 Datasheet
160Kb / 9P
DELTA/SIGMA CASCADE 20 BIT STEREO DAC
Jul-2003
logo
Texas Instruments
TLC320AD75C TI-TLC320AD75C Datasheet
211Kb / 43P
20-Bit Sigma-Delta Stereo ADA Circuit
logo
Cirrus Logic
CS5510 CIRRUS-CS5510 Datasheet
406Kb / 24P
16-bit and 20-bit, 8-pin Sigma-Delta ADC
logo
STMicroelectronics
TDA7535 STMICROELECTRONICS-TDA7535_06 Datasheet
128Kb / 9P
DELTA/SIGMA CASCADE 20 BIT STEREO DAC
Feb-2006
logo
Texas Instruments
TLC320AD75 TI1-TLC320AD75 Datasheet
224Kb / 43P
20-Bit Sigma-Delta Stereo ADA Circuit
logo
STMicroelectronics
TDA7535013TR STMICROELECTRONICS-TDA7535013TR Datasheet
157Kb / 12P
Delta/sigma cascade 20 bit stereo DAC
06-Feb-2009
logo
Analog Devices
AD1857JRSZ AD-AD1857JRSZ Datasheet
177Kb / 16P
Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
AD1857 AD-AD1857_15 Datasheet
266Kb / 16P
Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
AD1858 AD-AD1858_15 Datasheet
266Kb / 16P
Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
logo
Motorola, Inc
MC145073 MOTOROLA-MC145073 Datasheet
228Kb / 16P
Dual 16-Bit Stereo Audio Sigma-Delta ADC
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com