Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ11021 Datasheet (PDF) - Motorola, Inc

MJ11021 Datasheet PDF - Motorola, Inc
Part # MJ11021
Download  MJ11021 Download
File Size   235.08 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS

MJ11021 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJ11021 Datasheet PDF - Motorola, Inc

Part # MJ11021
Download  MJ11021 Click to download

File Size   235.08 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS

MJ11021 Datasheet (HTML) - Motorola, Inc


MJ11021 Product details

Complementary Darlington Silicon Power Transistors
   
. . . designed for use as general purpose amplifiers, low frequency switching and motor control applications.
   
• High dc Current Gain @ 10 Adc — hFE = 400 Min (All Types)
• Collector–Emitter Sustaining Voltage
                VCEO(sus) = 150 Vdc (Min) – MJ11018, 17
                                   = 250 Vdc (Min) – MJ11022, 21
• Low Collector–Emitter Saturation
                VCE(sat) = 1.0 V (Typ) @ IC = 5.0 A
                                = 1.8 V (Typ) @ IC = 10 A
• Monolithic Construction
• 100% SOA Tested @ VCE = 44 V, IC = 4.0 A, t = 250 ms.
   




Similar Part No. - MJ11021

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ11021 MOSPEC-MJ11021 Datasheet
206Kb / 4P
POWER TRANSISTORS(15A,150-250V,175W)
logo
ON Semiconductor
MJ11021 ONSEMI-MJ11021 Datasheet
235Kb / 6P
DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
MJ11021 ONSEMI-MJ11021 Datasheet
78Kb / 5P
Complementary Darlington Silicon Power Transistors
December, 2005 ??Rev. 2
MJ11021 ONSEMI-MJ11021 Datasheet
132Kb / 5P
Complementary Darlington Silicon Power Transistors
September, 2008 ??Rev. 3
MJ11021 ONSEMI-MJ11021 Datasheet
229Kb / 7P
Complementary Darlington Silicon Power Transistors
August, 2024 - Rev. 4
More results


Similar Description - MJ11021

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ11012 MOTOROLA-MJ11012 Datasheet
157Kb / 4P
30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS
MJ11028 MOTOROLA-MJ11028 Datasheet
153Kb / 4P
50 AMPERE COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS 60.120 VOLTS 300 WATTS
MJ15001 MOTOROLA-MJ15001 Datasheet
165Kb / 4P
15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140 VOLTS 200 WATTS
MJ2500 MOTOROLA-MJ2500 Datasheet
132Kb / 4P
10 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.80 VOLTS 150 WATTS
MJ3281A MOTOROLA-MJ3281A Datasheet
221Kb / 6P
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 250 WATTS
MJH11017 MOTOROLA-MJH11017 Datasheet
212Kb / 6P
15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150, 200, 250 VOLTS 150 WATTS
MJL21193 MOTOROLA-MJL21193 Datasheet
159Kb / 6P
16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS 200 WATTS
MJL3281A MOTOROLA-MJL3281A Datasheet
203Kb / 6P
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 200 WATTS
logo
ON Semiconductor
MJH6284 ONSEMI-MJH6284_06 Datasheet
82Kb / 5P
DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 100 VOLTS, 160 WATTS
July, 2006 ??Rev. 5
MJL21193 ONSEMI-MJL21193_07 Datasheet
152Kb / 6P
16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS, 200 WATTS
January, 2007 ??Rev. 5
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com