Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16322 Datasheet (PDF) - Microchip Technology

MCP16322 Datasheet PDF - Microchip Technology
Part # MCP16322
Download  MCP16322 Download
File Size   225.36 Kbytes
Page   18 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description This chapter contains general information that will be useful to know before using the MCP16322 Evaluation Board. Items discussed in this chapter include:

MCP16322 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP16322 Datasheet PDF - Microchip Technology

Part # MCP16322
Download  MCP16322 Click to download

File Size   225.36 Kbytes
Page   18 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description This chapter contains general information that will be useful to know before using the MCP16322 Evaluation Board. Items discussed in this chapter include:

MCP16322 Datasheet (HTML) - Microchip Technology


MCP16322 Product details

Description
The MCP16321/2 is a highly integrated, high-efficiency, fixed frequency, synchronous step-down DC-DC converter in a 16-pin QFN package that operates from input voltages up to 24V. Integrated features include a high-side and low-side N-Channel switch, fixed frequency Peak Current Mode Control, internal compensation, peak current limit, VOUT overvoltage protection and overtemperature protection. Minimal external components are necessary to develop a complete synchronous step-down DC-DC converter power supply.

Features
• Up to 95% Typical Efficiency
• Input Voltage Range: 6.0V to 24V
• 1A Output Current (MCP16321)
• 2A Output Current (MCP16322)
• Fixed Output Voltages: 0.9V, 1.5V, 1.8V, 2.5V,
   3.3V, 5V with 2% Output Voltage Accuracy
• Adjustable Version Output Voltage Range:
   0.9V to 5V with 1.5% Reference Voltage Accuracy
• Integrated N-Channel High-Side Switch: 180 mΩ
• Integrated N-Channel Low-Side Switch: 120 mΩ
• 1 MHz Fixed Frequency
• Low Device Shutdown Current
• Peak Current Mode Control
• Internal Compensation
• Stable with Ceramic Capacitors
• Internal Soft-Start
• Cycle-by-Cycle Peak Current Limit
• Undervoltage Lockout (UVLO): 5.75V
• Overtemperature Protection
• VOUT Overvoltage Protection
• VOUT Voltage Supervisor Reported at the PG Pin
• Available Package: QFN-16 (3x3 mm)

Applications
• PIC®/dsPIC® Microcontroller Bias Supply
• 12V Industrial Input DC-DC Conversion
• Set-Top Boxes
• DSL Cable Modems
• Automotive
• Wall Cube Regulation
• SLA Battery Powered Devices
• AC-DC Digital Control Power Source
• Power Meters
• Consumer
• Medical and Health Care
• Distributed Power Supplies




Similar Part No. - MCP16322

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP16322 MICROCHIP-MCP16322 Datasheet
1Mb / 34P
24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
11/29/11
MCP16322T-150E MICROCHIP-MCP16322T-150E Datasheet
1Mb / 34P
24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
11/29/11
MCP16322T-150E/NG MICROCHIP-MCP16322T-150E/NG Datasheet
678Kb / 34P
24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator
07/14/15
MCP16322T-180E MICROCHIP-MCP16322T-180E Datasheet
1Mb / 34P
24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
11/29/11
MCP16322T-180E/NG MICROCHIP-MCP16322T-180E/NG Datasheet
678Kb / 34P
24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator
07/14/15
More results


Similar Description - MCP16322

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EMDB65XX EMMICRO-EMDB65XX Datasheet
979Kb / 9P
This board contains the different MFP?셲
logo
Microchip Technology
MCP16321 MICROCHIP-MCP16321 Datasheet
221Kb / 18P
This chapter contains general information that will be useful to know before using the MCP16321 Evaluation
2011
MCP16323 MICROCHIP-MCP16323 Datasheet
226Kb / 18P
This chapter contains general information that will be useful to know before using the MCP16323 Evaluation Board. Items discussed in this chapter include:
2011
logo
Molex Electronics Ltd.
0398801205 MOLEX11-0398801205 Datasheet
77Kb / 1P
This drawing contains information that is proprietary to molex incorporated and should...
logo
List of Unclassifed Man...
STM32-P407 ETC2-STM32-P407 Datasheet
2Mb / 33P
Introduction to the chapter
logo
Integrated Device Techn...
89HPEB383 IDT-89HPEB383 Datasheet
3Mb / 264P
Topics discussed include the following
TSI340 IDT-TSI340 Datasheet
667Kb / 149P
This chapter discusses the following topics about the Tsi340
TSI350 IDT-TSI350 Datasheet
848Kb / 163P
This chapter discusses the following
TSI352 IDT-TSI352 Datasheet
926Kb / 183P
This chapter discusses the following topics about the Tsi352
logo
Silicon Laboratories
SI1102EK SILABS-SI1102EK Datasheet
654Kb / 3P
The Si1102 Evaluation Kit contains the following items
Rev. 0.1 10/09
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com