Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1958 Datasheet (PDF) - Analog Devices

AD1958 Datasheet PDF - Analog Devices
Part # AD1958
Download  AD1958 Download
File Size   135.3 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description PLL/Multibit DAC

AD1958 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1958 Datasheet PDF - Analog Devices

Part # AD1958
Download  AD1958 Click to download

File Size   135.3 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description PLL/Multibit DAC

AD1958 Datasheet (HTML) - Analog Devices


AD1958 Product details

PRODUCT OVERVIEW
The AD1958 is a complete high-performance single-chip stereo digital audio playback system. It is comprised of a multibit sigmadelta modulator, digital interpolation filters, and analog output drive circuitry with an on-board dual PLL clock generator. Other features include an on-chip stereo attenuator and mute, programmed through an SPI-compatible serial control port. The AD1958 is fully compatible with all known DVD formats including 96 kHz and 192 kHz sample frequencies and 24 bits. It also is backwards-compatible by supporting 50 µs/15 µs digital de-emphasis for “redbook” compact discs, as well as de-emphasis at 32 kHz and 48 kHz sample rates.

FEATURES
    5 V Stereo Audio DAC System
    Accepts 16-/18-/20-/24-Bit Data
    Supports 24 Bits, 192 kHz Sample Rate
    Accepts a Wide Range of Sample Rates Including:
        32 kHz, 44.1 kHz, 48 kHz, 88.2 kHz, 96 kHz, and 192 kHz
    Multibit Sigma-Delta Modulator with “Perfect Differential
        Linearity Restoration” for Reduced Idle Tones and
        Noise Floor
    Data Directed Scrambling DAC—Least Sensitive to Jitter
    Single-Ended Output for Easy Use
    108 dB Signal-to-Noise (Not Muted) at 48 kHz Sample
        Rate (A-Weighted Stereo)
    109 dB Dynamic Range (Not Muted) at 48 kHz Sample
    Rate (A-Weighted Stereo)
    –96 dB THD + N (Stereo)
    75 dB Stop Band Attenuation
    On-Chip Clickless Volume Control
    Hardware and Software Controllable Clickless Mute
    Serial (SPI) Control for: Serial Mode, Number of Bits,
        Sample Rate, Volume, Mute, De-Emphasis
    Digital De-Emphasis Processing for 32 kHz, 44.1 kHz,
        and 48 kHz Sample Rates
    Programmable Dual Fractional-N PLL Clock Generator
    27 MHz Master Clock Oscillator
    Better than 100 ps rms Master Clock Jitter
    Generated System Clocks
        SCLK0: 33.8688 MHz
        SCLK1: 22.5792 MHz, 24.576 MHz, 33.8688 MHz, or
        36.864 MHz
        SCLK2: 16.9344 MHz
    Flexible Serial Data Port with Right-Justified,
        Left-Justified, I2S-Compatible, and DSP Serial Port Modes
    28-Lead SSOP Plastic Package

APPLICATIONS
    DVD, CD, Home Theater Systems, Automotive Audio Systems, Sampling Musical Keyboards, Digital Mixing Consoles, Digital Audio Effects Processors




Similar Part No. - AD1958

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1958 AD-AD1958_15 Datasheet
634Kb / 8P
PLL/Multibit DAC
REV. 0
More results


Similar Description - AD1958

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
Stereo, 24-Bit, 192 kHz, Multibit DAC
AD1854 AD-AD1854 Datasheet
390Kb / 12P
Stereo, 96 kHz, Multibit DAC
AD1855 AD-AD1855 Datasheet
233Kb / 15P
Stereo, 96 kHz, Multibit DAC
AD1959 AD-AD1959 Datasheet
107Kb / 8P
PLL/Multibit DAC
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1853 AD-AD1853_15 Datasheet
358Kb / 16P
Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1854 AD-AD1854_15 Datasheet
396Kb / 12P
Stereo, 96 kHz, Multibit DAC
REV. A
AD1855 AD-AD1855_15 Datasheet
234Kb / 15P
Stereo, 96 kHz, Multibit DAC
REV. B
AD1958 AD-AD1958_15 Datasheet
634Kb / 8P
PLL/Multibit DAC
REV. 0
AD1959 AD-AD1959_15 Datasheet
104Kb / 8P
PLL/Multibit DAC
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com