Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD202J Datasheet (PDF) - Analog Devices

AD202J Datasheet PDF - Analog Devices
Part # AD202J
Download  AD202J Download
File Size   412.9 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, Miniature Isolation Amplifiers

AD202J Datasheet (PDF)

Go To PDF Page Download Datasheet
AD202J Datasheet PDF - Analog Devices

Part # AD202J
Download  AD202J Click to download

File Size   412.9 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, Miniature Isolation Amplifiers

AD202J Datasheet (HTML) - Analog Devices


AD202J Product details

GENERAL DESCRIPTION
The AD202 and AD204 are general purpose, two-port, transformer-coupled isolation amplifiers that may be used in a broad range of applications where input signals must be measured, processed, and/or transmitted without a galvanic connection.
   
FEATURES
    Small Size: 4 Channels/lnch
    Low Power: 35 mW (AD204)
    High Accuracy: ±0.025% Max Nonlinearity (K Grade)
    High CMR: 130 dB (Gain = 100 V/V)
    Wide Bandwidth: 5 kHz Full-Power (AD204)
    High CMV Isolation: ±2000 V pk Continuous (K Grade)
        (Signal and Power)
    Isolated Power Outputs
    Uncommitted Input Amplifier
   
APPLICATIONS
    Multichannel Data Acquisition
    Current Shunt Measurements
    Motor Controls
    Process Signal Isolation
    High Voltage Instrumentation Amplifier
   




Similar Part No. - AD202J

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD202J AD-AD202J Datasheet
430Kb / 12P
Low Cost, Miniature Isolation Amplifiers
10/02-Data Sheet changed from REV. C to REV. D.
AD202J AD-AD202J Datasheet
8Mb / 16P
High Precision, Low Offset, mV Input Isolation Amplifier
AD202JN AD-AD202JN Datasheet
430Kb / 12P
Low Cost, Miniature Isolation Amplifiers
10/02-Data Sheet changed from REV. C to REV. D.
AD202JY AD-AD202JY Datasheet
430Kb / 12P
Low Cost, Miniature Isolation Amplifiers
10/02-Data Sheet changed from REV. C to REV. D.
logo
List of Unclassifed Man...
AD202JY ETC2-AD202JY Datasheet
2Mb / 31P
SEMICONDUCTORS
More results


Similar Description - AD202J

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD202 AD-AD202_02 Datasheet
430Kb / 12P
Low Cost, Miniature Isolation Amplifiers
10/02-Data Sheet changed from REV. C to REV. D.
logo
MicroPower Direct, LLC
A100EHI MPD-A100EHI Datasheet
181Kb / 2P
Low Cost, Miniature DIP 1W, Very High Isolation DC/DC Converters
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C79B-000E AVAGO-ACPL-C79B-000E Datasheet
294Kb / 14P
Precision Miniature Isolation Amplifiers
ACPL-C790-000E AVAGO-ACPL-C790-000E Datasheet
294Kb / 14P
Precision Miniature Isolation Amplifiers
ACPL-C790-500E AVAGO-ACPL-C790-500E Datasheet
294Kb / 14P
Precision Miniature Isolation Amplifiers
ACPL-C79A-000E AVAGO-ACPL-C79A-000E Datasheet
294Kb / 14P
Precision Miniature Isolation Amplifiers
logo
Analog Devices
AD202 AD-AD202_15 Datasheet
934Kb / 12P
Low Cost, Miniature Isolation Amplifiers
REV. D
AD204 AD-AD204_15 Datasheet
934Kb / 12P
Low Cost, Miniature Isolation Amplifiers
REV. D
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C78A-500E AVAGO-ACPL-C78A-500E Datasheet
278Kb / 17P
Miniature Isolation Amplifiers
ACPL-C79B AVAGO-ACPL-C79B Datasheet
309Kb / 14P
Precision Miniature Isolation Amplifiers
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com