Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1102 Datasheet (PDF) - Transcom, Inc.

TC1102 Datasheet PDF - Transcom, Inc.
Part # TC1102
Download  TC1102 Download
File Size   243.54 Kbytes
Page   4 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description Super Low Noise GaAs FETs

TC1102 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC1102 Datasheet PDF - Transcom, Inc.

Part # TC1102
Download  TC1102 Click to download

File Size   243.54 Kbytes
Page   4 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description Super Low Noise GaAs FETs

TC1102 Datasheet (HTML) - Transcom, Inc.


TC1102 Product details

DESCRIPTION
The TC1102 is a GaAs Pseudomorphic High Electron Mobility Transistor (PHEMT) chip, which has very low noise figure and high associated gain. The device can be used in circuits up to 30 GHz and suitable for low noise application including a wide range of commercial and military applications. All devices are 100% DC tested to assure consistent quality. All bond pads are gold plated for either thermo-compression or thermo-sonic wire bonding.

FEATURES
● Low Noise Figure: NF = 0.5 dB Typical at 12 GHz
● High Associated Gain: Ga = 13 dB Typical at 12 GHz
● Lg = 0.25 µm, Wg = 160 µm
● All-Gold Metallization for High Reliability
● Tight Vp ranges control
● High RF input power handling capability
● 100 % DC Tested




Similar Part No. - TC1102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC1102 ETC2-TC1102 Datasheet
109Kb / 4P
Super Low Noise GaAs FETs
logo
PREMO CORPORATION S.L
TC1102 PREMO-TC1102 Datasheet
164Kb / 1P
SMD Telecoil 10.5x1.4x2mm
TC1102-35000J PREMO-TC1102-35000J Datasheet
164Kb / 1P
SMD Telecoil 10.5x1.4x2mm
TC1102-46000J PREMO-TC1102-46000J Datasheet
164Kb / 1P
SMD Telecoil 10.5x1.4x2mm
TC1102 PREMO-TC1102_14 Datasheet
164Kb / 1P
SMD Telecoil 10.5X1, 4X2 mm
More results


Similar Description - TC1102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFA0103 ETC1-CFA0103 Datasheet
469Kb / 2P
LOW-NOISE GaAs FETS
logo
Mimix Broadband
CFB0103 MIMIX-CFB0103 Datasheet
1Mb / 3P
Low-Noise GaAs FETs
CFA0103 MIMIX-CFA0103 Datasheet
981Kb / 2P
Low Noise GaAs FETs
CFB0103 MIMIX-CFB0103_06 Datasheet
654Kb / 2P
Low Noise GaAs FETs
logo
List of Unclassifed Man...
TC1102 ETC2-TC1102 Datasheet
109Kb / 4P
Super Low Noise GaAs FETs
TC1202 ETC2-TC1202 Datasheet
111Kb / 4P
Super Low Noise GaAs FETs
logo
Transcom, Inc.
TC2201 TRANSCOM-TC2201 Datasheet
159Kb / 4P
Plastic Packaged Low Noise PHEMT GaAs FETs
logo
Mimix Broadband
CFA0103 MIMIX-CFA0103_06 Datasheet
987Kb / 2P
Low Noise GaAs FETs
logo
Transcom, Inc.
TC1201 TRANSCOM-TC1201 Datasheet
251Kb / 6P
Low Noise and Medium Power GaAs FETs
TC1202 TRANSCOM-TC1202 Datasheet
173Kb / 4P
Super Low Noise GaAs FETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com