Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD515A Datasheet (PDF) - Analog Devices

AD515A Datasheet PDF - Analog Devices
Part # AD515A
Download  AD515A Download
File Size   205.46 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Monolithic Precision, Low Power FET-Input Electrometer Op Amp

AD515A Datasheet (PDF)

Go To PDF Page Download Datasheet
AD515A Datasheet PDF - Analog Devices

Part # AD515A
Download  AD515A Click to download

File Size   205.46 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Monolithic Precision, Low Power FET-Input Electrometer Op Amp

AD515A Datasheet (HTML) - Analog Devices


AD515A Product details

PRODUCT DESCRIPTION
The AD515A is a monolithic FET-input operational amplifier with a guaranteed maximum input bias current of 75 fA (AD515AL). The AD515A is a monolithic successor to the industry standard AD515 electrometer, and will replace the AD515 in most applications. The AD515A also delivers lasertrimmed offset voltage, low drift, low noise and low power, a combination of features not previously available in ultralow bias current circuits. All devices are internally compensated, protected against latch-up and are short circuit protected.

FEATURES
    Ultralow Bias Current: 75 fA max (AD515AL)
                                        150 fA max (AD515AK)
                                        300 fA max (AD515AJ)
    Low Power: 1.5 mA max Quiescent Current (0.6 mA typ)
    Low Offset Voltage: 1.0 mV max (AD515AK & L)
    Low Drift: 15 μV/°C max (AD515AK)
    Low Noise: 4 μV p-p, 0.1 Hz to 10 Hz




Similar Part No. - AD515A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD515A AD-AD515A_15 Datasheet
212Kb / 6P
Monolithic Precision, Low Power FET-Input Electrometer Op Amp
REV. A
More results


Similar Description - AD515A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD545A AD-AD545A Datasheet
280Kb / 4P
Monolithic Precision, Low Drift FET-Input Op Amp
AD795 AD-AD795 Datasheet
331Kb / 16P
Low Power, Low Noise Precision FET Op Amp
REV.A
logo
Linear Technology
LT1792 LINER-LT1792 Datasheet
169Kb / 12P
Low Noise, Precision, JFET Input Op Amp
logo
M.S. Kennedy Corporatio...
MSK032 MSK-MSK032 Datasheet
181Kb / 5P
FET INPUT DIFFERENTIAL OP-AMP
logo
Analog Devices
AD795 AD-AD795_02 Datasheet
278Kb / 16P
Low Power, Low Noise Precision FET Op Amp
REV. B
AD795 AD-AD795_09 Datasheet
276Kb / 20P
Low Power, Low Noise Precision FET Op Amp
REV. C
AD515A AD-AD515A_15 Datasheet
212Kb / 6P
Monolithic Precision, Low Power FET-Input Electrometer Op Amp
REV. A
AD795 AD-AD795_15 Datasheet
276Kb / 20P
Low Power, Low Noise Precision FET Op Amp
REV. C
logo
Linear Technology
LT1792 LINER-LT1792_15 Datasheet
184Kb / 12P
Low Noise, Precision, JFET Input Op Amp
logo
Anaren Microwave
MSK032 ANAREN-MSK032 Datasheet
378Kb / 5P
FET INPUT DIFFERENTIAL OP-AMP
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com