Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5200 Datasheet (PDF) - Analog Devices

AD5200 Datasheet PDF - Analog Devices
Part # AD5200
Download  AD5200 Download
File Size   631.61 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit Successive Approximation High Acquisition A/D Converter

AD5200 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5200 Datasheet PDF - Analog Devices

Part # AD5200
Download  AD5200 Click to download

File Size   631.61 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit Successive Approximation High Acquisition A/D Converter

AD5200 Datasheet (HTML) - Analog Devices


AD5200 Product details

GENERAL DESCRIPTION

The AD5200 and AD5201 are programmable resistor devices, with 256 positions and 33 positions respectively, that can be digitally controlled through a 3-wire SPI serial interface. The terms programmable resistor, variable resistor (VR), and RDAC are commonly used interchangeably to refer to digital potentiometers.

These devices perform the same electronic adjustment function as a potentiometer or variable resistor. Both AD5200/AD5201 contain a single variable resistor in the compact package. Each device contains a fixed wiper resistance at the wiper contact that taps the programmable resistance at a point determined by a digital code. The code is loaded in the serial input register. The resistance between the wiper and either end point of the programmable resistor varies linearly with respect to the digital code transferred into the VR latch. Each variable resistor offers a completely programmable value of resistance, between the A terminal and the wiper, or the B terminal and the wiper.



FEATURES

  AD5200—256-Position

  AD5201—33-Position

  10 kΩ, 50 kΩ

  3-Wire SPI-Compatible Serial Data Input

  Single Supply 2.7 V to 5.5 V or

  Dual Supply ±2.7 V for AC or Bipolar Operations

  Internal Power-On Midscale Preset



APPLICATIONS

  Mechanical Potentiometer Replacement

  Instrumentation: Gain, Offset Adjustment

  Programmable Voltage-to-Current Conversion

  Programmable Filters, Delays, Time Constants

  Line Impedance Matching



 




Similar Part No. - AD5200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5200 AD-AD5200 Datasheet
664Kb / 16P
2-Channel, 256-Position Digital Potentiometer
REV.0
AD5200 AD-AD5200 Datasheet
268Kb / 20P
8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV.0
AD5200 AD-AD5200 Datasheet
749Kb / 16P
256-Position and 33-Position Digital Potentiometers
02/01-Data Sheet changed from REV. O to REV. A.
AD5200 AD-AD5200 Datasheet
1Mb / 15P
256-Position and 33-Position Digital Potentiometers
REV. D
AD5200BRM10 AD-AD5200BRM10 Datasheet
1Mb / 15P
256-Position and 33-Position Digital Potentiometers
REV. D
More results


Similar Description - AD5200

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6150 NPC-SM6150 Datasheet
161Kb / 6P
Successive-approximation 8-bit A/D Converter
SM6155P NPC-SM6155P Datasheet
183Kb / 7P
Successive-approximation 8-bit A/D Converter
logo
Analog Devices
AD572 AD-AD572 Datasheet
429Kb / 7P
12-BIT SUCCESSIVE APPROXIMATION INTEGRATED CIRCUIT A/D CONVERTER
ADADC80 AD-ADADC80 Datasheet
475Kb / 6P
12-BIT SUCCESSIVE APPROXIMATION INTERATED CIRCUIT A/D CONVERTER
logo
List of Unclassifed Man...
ZN439 ETC1-ZN439 Datasheet
344Kb / 25P
8-Bit Successive Approximation A-D Converter
logo
Analog Devices
AD572SD AD-AD572SD Datasheet
1Mb / 8P
12-Bit Successive Approximation Integrated Circuit A/D Converter
Rev. B
AD5215 AD-AD5215_15 Datasheet
2Mb / 6P
12 BIT SUCCESSIVE APPROXIMATION HIGH ACCURACY A/D CONVERTER
AD572 AD-AD572_15 Datasheet
1Mb / 8P
12 BIT SUCCESSIVE APPROXIMATION INTEGRATED CIRCUIT A/D CONVERTER
REV. B
logo
Rohm
BH2715FV ROHM-BH2715FV Datasheet
2Mb / 18P
Successive Approximation A/D Converter
BU1S12S1AG-LB ROHM-BU1S12S1AG-LB Datasheet
1Mb / 20P
Successive Approximation A/D Converter
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com