Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4455 Datasheet (PDF) - Active-Semi, Inc

ACT4455 Datasheet PDF - Active-Semi, Inc
Part # ACT4455
Download  ACT4455 Download
File Size   674.22 Kbytes
Page   15 Pages
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc
Description 36V/5A Step Down DC/DC Converter

ACT4455 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACT4455 Datasheet PDF - Active-Semi, Inc

Part # ACT4455
Download  ACT4455 Click to download

File Size   674.22 Kbytes
Page   15 Pages
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc
Description 36V/5A Step Down DC/DC Converter

ACT4455 Datasheet (HTML) - Active-Semi, Inc


ACT4455 Product details

GENERAL DESCRIPTION
ACT4455 is a wide input voltage step-down DC/DC converter with high-side MOSFET integrated. It provides up to 5A continuous output current at 200kHz switching frequency. The converter can be configured as single output or dual outputs with independent over current protection. The converter achieves high efficiency and excellent load and line regulation. The converter enters into hiccup and sleeping mode and the converter power consumption is nearly zero when output is overloaded or shorted to ground. Other protection features includes cycle-by-cycle current limit, under
voltage protection and thermal shutdown. The device is available in SOP8-EP package.

FEATURES
• 7.5V to 36V Input Voltage
• 40V Input Voltage Surge
• Up to 5A Output Current
• Up to 12V Output Voltage
• Dual Outputs with Independent Over Current Protection
• 7.5% Accurate Over Current Protection (OCP)
• Integrated 45mΩ High Side Power FET
• 90% Efficiency at Heavy Load
• Internal 3ms Soft Startup
• Low Standby Input Current
• Sleeping Mode at OCP, OTP and SCP
• Zero Input and Output Currents at Over Current
and Short Circuit Protection
• Auto Recovery into Full Load after Faults
• Output Cord Voltage Drop Compensation
• Stable with Low ESR Ceramic Output Capacitors
• Internal Cycle-by-Cycle Current Control
• Programmable Over Current Setting
• SOP-8EP Package

APPLICATIONS
• Automotive Industry
• Dual-Output Car Charger
• LCD-TV




Similar Part No. - ACT4455

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4455 AEROFLEX-ACT4455 Datasheet
126Kb / 8P
ACT 4455 / 4459 SINGLE SUPPLY TRANSCEIVERS FOR MIL-STD-1553/1760
logo
Active-Semi, Inc
ACT4455 ACTIVE-SEMI-ACT4455 Datasheet
673Kb / 16P
36V/5A Step Down DC/DC Converter
Rev 2, 21-Nov-12
ACT4455YH-T ACTIVE-SEMI-ACT4455YH-T Datasheet
673Kb / 16P
36V/5A Step Down DC/DC Converter
Rev 2, 21-Nov-12
ACT4455 ACTIVE-SEMI-ACT4455_14 Datasheet
673Kb / 16P
36V/5A Step Down DC/DC Converter
Rev 2, 21-Nov-12
More results


Similar Description - ACT4455

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM610DA ELM-TECH-ELM610DA Datasheet
755Kb / 7P
1.3A 36V PWM step down DC/DC converter
logo
Richtek Technology Corp...
RT8279 RICHTEK-RT8279 Datasheet
303Kb / 14P
5A, 36V, 500kHz Step-Down Converter
logo
Active-Semi, Inc
ACT4455 ACTIVE-SEMI-ACT4455_14 Datasheet
673Kb / 16P
36V/5A Step Down DC/DC Converter
Rev 2, 21-Nov-12
logo
Global Mixed-mode Techn...
G5676 GMT-G5676 Datasheet
39Kb / 1P
5A Synchronous Step-Down DC/DC
logo
ELM Electronics
ELM610DA ELM-ELM610DA Datasheet
1Mb / 7P
1.3A 36V PWM step down DC/DC converter
ELM612DA ELM-ELM612DA Datasheet
1Mb / 8P
3A 36V PWM step down DC/DC converter
ELM651DA ELM-ELM651DA Datasheet
1Mb / 10P
CC/CV Mode 36V step down 5A DC/DC converter
logo
ELM Technology Corporat...
ELM612DA ELM-TECH-ELM612DA Datasheet
1Mb / 8P
3A 36V PWM step down DC/DC converter
ELM610DA ELM-TECH-ELM610DA_17 Datasheet
1Mb / 7P
1.3A 36V PWM step down DC/DC converter
ELM612DA ELM-TECH-ELM612DA_17 Datasheet
1Mb / 8P
3A 36V PWM step down DC/DC converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com