Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4501SH-T Datasheet (PDF) - Active-Semi, Inc

ACT4501SH-T Datasheet PDF - Active-Semi, Inc
Part # ACT4501SH-T
Download  ACT4501SH-T Download
File Size   467.25 Kbytes
Page   15 Pages
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc
Description 1.25A CC/CV Step-Down DC/DC Converter

ACT4501SH-T Datasheet (PDF)

Go To PDF Page Download Datasheet
ACT4501SH-T Datasheet PDF - Active-Semi, Inc

Part # ACT4501SH-T
Download  ACT4501SH-T Click to download

File Size   467.25 Kbytes
Page   15 Pages
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc
Description 1.25A CC/CV Step-Down DC/DC Converter

ACT4501SH-T Datasheet (HTML) - Active-Semi, Inc


ACT4501SH-T Product details

GENERAL DESCRIPTION
ACT4501 is a dedicated cost-effective DC-DC converter for 5V/1A car charger applications with a wide input voltage and high efficiency. The converter operates in either CV (Constant Output Voltage) mode or CC (Constant Output Current) mode. ACT4501 provides up to 1.25A output current at 125kHz switching frequency.

FEATURES
• 10V-30V Input Voltage
• 40V Transparent Input Voltage Surge
• Up to 1.25A Constant Output Current
• Output Voltage up to 12V
• Good EMC Performance on Single Layer PCB
• Patent Pending ActiveCC Constant Current Control
    − Integrated Current Control Improves Efficiency, Lowers Cost, and Reduces Component Count
• Resistor Programmable Outputs
    − Current Limit from 500mA to 1250mA Patented cable compensation from DC Cable Compensation from 0Ω to 0.5Ω
• 2% Feedback Voltage Accuracy
• Up to 90% Efficiency
• 125kHz Switching Frequency Eases EMI Design
• Advanced Feature Set
    − Integrated Soft Start
    − Thermal Shutdown
    − Secondary Cycle-by-Cycle Current Limit
    − Protection Against Shorted ISET Pin
• SOP-8 Package

APPLICATIONS
• Car Charger
• Rechargeable Portable Devices
• General-Purpose CC/CV Power Supply




Similar Part No. - ACT4501SH-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4501SH-T ACTIVE-SEMI-ACT4501SH-T Datasheet
466Kb / 16P
1.25A CC/CV Step-Down DC/DC Converter
Rev 2, 14-Nov-12
More results


Similar Description - ACT4501SH-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4514 ACTIVE-SEMI-ACT4514 Datasheet
472Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 1, 21-Jul-11
ACT4303 ACTIVE-SEMI-ACT4303 Datasheet
622Kb / 15P
30V/3A Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 05-Dec-11
ACT4501 ACTIVE-SEMI-ACT4501_14 Datasheet
466Kb / 16P
1.25A CC/CV Step-Down DC/DC Converter
Rev 2, 14-Nov-12
ACT4513 ACTIVE-SEMI-ACT4513_14 Datasheet
678Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 7, 14-Nov-12
EA4501SH ACTIVE-SEMI-EA4501SH Datasheet
467Kb / 15P
1.25A CC/CV Step-Down DC/DC Converter
Rev 2, 14-Nov-12
logo
Shenzhen Huazhimei Semi...
HM4523 HMSEMI-HM4523 Datasheet
662Kb / 8P
42V 3A CC/CV Step-Down DC/DC Converter
HM4533A HMSEMI-HM4533A Datasheet
622Kb / 8P
42V 3A CC/CV Step-Down DC/DC Converter
HM4533A-E HMSEMI-HM4533A-E Datasheet
622Kb / 8P
42V 3A CC/CV Step-Down DC/DC Converter
HM4523-E HMSEMI-HM4523-E Datasheet
662Kb / 8P
42V 3A CC/CV Step-Down DC/DC Converter
logo
AiT Semiconductor Inc.
A7330 AITSEMI-A7330 Datasheet
665Kb / 14P
DC-DC CONVERTER BUCK (STEP-DOWN) SENSORLESS CC/CV
REV2.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com