Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A1359 Datasheet (PDF) - Allegro MicroSystems

A1359 Datasheet PDF - Allegro MicroSystems
Part # A1359
Download  A1359 Download
File Size   279.77 Kbytes
Page   12 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Factory-Programmed Dual Output Linear Hall Effect Sensor IC

A1359 Datasheet (PDF)

Go To PDF Page Download Datasheet
A1359 Datasheet PDF - Allegro MicroSystems

Part # A1359
Download  A1359 Click to download

File Size   279.77 Kbytes
Page   12 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Factory-Programmed Dual Output Linear Hall Effect Sensor IC

A1359 Datasheet (HTML) - Allegro MicroSystems


A1359 Product details

Description
New applications for linear output Hall effect sensors, such as displacement and angular position, require high accuracy in conjunction with redundant outputs. The Allegro A1359 programmable, linear, Hall effect sensor IC has been designed specifically to achieve both goals. The features associated with this linear device make it ideal for use in automotive and industrial applications requiring high accuracy, and this temperature-stable device operates across an extended temperature range: –40°C to 150°C.

Features and Benefits
• Dual tracking outputs: analog voltage output and pulse width modulated (PWM) output
• Matched analog and PWM outputs enable user to detect various output error conditions
• Factory-programmed offset, sensitivity, and polarity
• Sensitivity temperature coefficient (TC) and QVO/QD temperature coefficient programmed at Allegro® for improved accuracy
• High speed chopping scheme minimizes quiescent voltage output (QVO) drift across temperature
• Temperature-stable QVO and sensitivity
• Output voltage clamps provide short circuit diagnostic capabilities
• Wide ambient temperature range: –40°C to 150°C
• Immune to mechanical stress
• Enhanced EMC performance for stringent automotive applications




Similar Part No. - A1359

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1359 ALLEGRO-A1359 Datasheet
279Kb / 12P
Factory-Programmed Dual Output Linear Hall Effect Sensor IC With Analog and Pulse Width Modulated Outputs
A1359LLETR-RP-T ALLEGRO-A1359LLETR-RP-T Datasheet
279Kb / 12P
Factory-Programmed Dual Output Linear Hall Effect Sensor IC With Analog and Pulse Width Modulated Outputs
A1359LLETR-T ALLEGRO-A1359LLETR-T Datasheet
279Kb / 12P
Factory-Programmed Dual Output Linear Hall Effect Sensor IC With Analog and Pulse Width Modulated Outputs
A1359LLETR-T ALLEGRO-A1359LLETR-T Datasheet
279Kb / 12P
Factory-Programmed Dual Output Linear Hall Effect Sensor IC With Analog and Pulse Width Modulated Outputs
A1359 ALLEGRO-A1359_16 Datasheet
279Kb / 12P
Factory-Programmed Dual Output Linear Hall Effect Sensor IC With Analog and Pulse Width Modulated Outputs
More results


Similar Description - A1359

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSH201 ETC2-WSH201 Datasheet
88Kb / 3P
Linear Hall Effect Sensor IC
logo
Winson Semiconductor Co...
WSH201 WINSON-WSH201 Datasheet
119Kb / 3P
Linear Hall Effect Sensor IC
logo
Allegro MicroSystems
A1359LLETR-T ALLEGRO-A1359LLETR-T Datasheet
279Kb / 12P
Factory-Programmed Dual Output Linear Hall Effect Sensor IC With Analog and Pulse Width Modulated Outputs
logo
Winson Semiconductor Co...
WSH137 WINSON-WSH137 Datasheet
293Kb / 5P
Linear Hall Effect Sensor IC
WSH138 WINSON-WSH138 Datasheet
256Kb / 5P
Linear Hall Effect Sensor IC
logo
Allegro MicroSystems
A1359 ALLEGRO-A1359_16 Datasheet
279Kb / 12P
Factory-Programmed Dual Output Linear Hall Effect Sensor IC With Analog and Pulse Width Modulated Outputs
A1366 ALLEGRO-A1366 Datasheet
976Kb / 22P
Low Noise, High Precision, Factory-Programmed Linear Hall Effect Sensor IC
logo
Micronas
HAL411 MICRONAS-HAL411 Datasheet
1Mb / 18P
Linear Hall-Effect Sensor IC
logo
DIWELL Electronics Co.,...
WSH136 DIWELL-WSH136 Datasheet
432Kb / 5P
Linear Hall Effect Sensor IC
2017/12/22
WSH137 DIWELL-WSH137 Datasheet
450Kb / 5P
Linear Hall Effect Sensor IC
2017/12/22
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com