Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8847 Datasheet (PDF) - Active-Semi, Inc

ACT8847 Datasheet PDF - Active-Semi, Inc
Part # ACT8847
Download  ACT8847 Download
File Size   83.25 Kbytes
Page   2 Pages
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc
Description Advanced PMU for Multi-core Application Processors

ACT8847 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACT8847 Datasheet PDF - Active-Semi, Inc

Part # ACT8847
Download  ACT8847 Click to download

File Size   83.25 Kbytes
Page   2 Pages
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc
Description Advanced PMU for Multi-core Application Processors

ACT8847 Datasheet (HTML) - Active-Semi, Inc


ACT8847 Product details

GENERAL DESCRIPTION
The ACT8847 is a complete, cost effective, and highly-efficient ActivePMUTM power management solution optimized for the power, voltage sequencing and control requirements of Samsung Exynos 4210 (S5PC210/S5PV310) and other application processors. (Please See Ordering Information Section and its Appendix.)

FEATURES
INTEGRATED POWER SUPPLIES
● Four DC/DC Step-Down (Buck) Regulators
    - 2 x 2.8A, 2 x 1.5A
● Five Low-Noise LDOs
    - 2 x 150mA, 3 x 350mA
● Three Low-Input Voltage LDOs
    - 1 x 150mA, 2 x 350mA
● One Low IQ Keep-Alive LDO
● Backup Battery Charger

SYSTEM CONTROL AND INTERFACE
● Six General Purpose I/O with PWM Drivers
● I2C Serial Interface
● Interrupt Controller

SYSTEM MANAGEMENT
● Reset Interface and Sequencing Controller
    - Power on Reset
    - Soft / Hard Reset
    - Watchdog Supervision
    - Multiple Sleep Modes
● Thermal Management Subsystem

APPLICATIONS
● Tablet PC
● Mobile Internet Devices (MID)
● Ebooks
● Personal Navigation Devices




Similar Part No. - ACT8847

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8847 ACTIVE-SEMI-ACT8847 Datasheet
763Kb / 38P
Advanced PMU for Multi-core Application Processors
Rev 5, 15-Nov-12
ACT8847 ACTIVE-SEMI-ACT8847 Datasheet
1Mb / 42P
Advanced PMU for Multi-core Application Processors
REV 9, 27-June-17
ACT8847QM102-T ACTIVE-SEMI-ACT8847QM102-T Datasheet
1Mb / 42P
Advanced PMU for Multi-core Application Processors
REV 9, 27-June-17
ACT8847QM171-T ACTIVE-SEMI-ACT8847QM171-T Datasheet
763Kb / 38P
Advanced PMU for Multi-core Application Processors
Rev 5, 15-Nov-12
ACT8847QM171-T ACTIVE-SEMI-ACT8847QM171-T Datasheet
2Mb / 39P
Advanced PMU for Multi-core Application Processors
REV 8, 17-JAN-2017
More results


Similar Description - ACT8847

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8846 ACTIVE-SEMI-ACT8846 Datasheet
81Kb / 2P
Advanced PMU for Multi-core Application Processors
22-Oct-12
ACT8848 ACTIVE-SEMI-ACT8848 Datasheet
80Kb / 2P
Advanced PMU for Multi-core Application Processors
05-Dec-12
ACT8846 ACTIVE-SEMI-ACT8846_14 Datasheet
674Kb / 40P
Advanced PMU for Multi-core Application Processors
Rev 1, 15-May-13
ACT8847 ACTIVE-SEMI-ACT8847_14 Datasheet
763Kb / 38P
Advanced PMU for Multi-core Application Processors
Rev 5, 15-Nov-12
ACT8848 ACTIVE-SEMI-ACT8848_14 Datasheet
599Kb / 37P
Advanced PMU for Multi-core Application Processors
Rev 2, 15-Nov-12
ACT8846 ACTIVE-SEMI-ACT8846_16 Datasheet
977Kb / 40P
Advanced PMU for Multi-core Application Processors
Rev 4, 25-May-16
ACT8847 ACTIVE-SEMI-ACT8847_17 Datasheet
2Mb / 39P
Advanced PMU for Multi-core Application Processors
REV 8, 17-JAN-2017
ACT8846 ACTIVE-SEMI-ACT8846_17 Datasheet
1Mb / 44P
Advanced PMU for Multi-core Application Processors
Rev 7.0, 06-Dec-2017
ACT8847_17 ACTIVE-SEMI-ACT8847_17_06 Datasheet
1Mb / 42P
Advanced PMU for Multi-core Application Processors
REV 9, 27-June-17
ACT8849 ACTIVE-SEMI-ACT8849 Datasheet
708Kb / 35P
Advanced PMU for Multi-core Application Processors
Rev PrB, 12-Jun-14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com