Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2550 Datasheet (PDF) - Allegro MicroSystems

A2550 Datasheet PDF - Allegro MicroSystems
Part # A2550
Download  A2550 Download
File Size   530.26 Kbytes
Page   15 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Relay Driver with 5 V Regulator

A2550 Datasheet (PDF)

Go To PDF Page Download Datasheet
A2550 Datasheet PDF - Allegro MicroSystems

Part # A2550
Download  A2550 Click to download

File Size   530.26 Kbytes
Page   15 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Relay Driver with 5 V Regulator

A2550 Datasheet (HTML) - Allegro MicroSystems


A2550 Product details

Description

Large numbers of relay-based applications require the use of a microprocessor which implements complex system control. In these systems, there is the need for microprocessor logic supply voltage, power-on reset circuitry, and watchdog capabilities. The Allegro® A2550 combines the functions of voltage regulator, watchdog, and reset, as well as three low-side DMOS relay driver outputs. Primarily targeted at automotive applications, this IC is designed to provide robust performance over extended voltage and temperature ranges.



Features and Benefits

▪ Three independent low-side DMOS output drivers

▪ Short-circuit protection of drivers

▪ Eliminates need for flyback diodes on relays

▪ Thermal shutdown

▪ Separate precision 5 V regulator (2%)

▪ Current clamp on 5 V regulator

▪ 16-pin TSSOP package with exposed thermal pad

▪ Programmable reset (NPOR) delay time

▪ Programmable watchdog

▪ Automotive voltage and temperature ranges

▪ Active clamps for automotive load dump specifications

▪ Lead (Pb) free



 




Similar Part No. - A2550

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
A2550 TURCK-A2550 Datasheet
794Kb / 3P
Front Mount
12/03/2022
A2550 TURCK-A2550 Datasheet
806Kb / 3P
Actuator and Sensor Receptacle – Front Mount
06/07/2023
A2550 TURCK-A2550 Datasheet
743Kb / 3P
Actuator and Sensor Receptacle – Rear Mount
06/07/2023
A2550 TURCK-A2550 Datasheet
826Kb / 3P
Actuator and Sensor Receptacle – Front Mount
06/07/2023
A2550 TURCK-A2550 Datasheet
789Kb / 3P
Actuator and Sensor Receptacle – Front Mount
06/07/2023
More results


Similar Description - A2550

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5960FS ROHM-BA5960FS Datasheet
308Kb / 2P
5 Channel Driver for with Regulator
logo
Siemens Semiconductor G...
TLE4286G SIEMENS-TLE4286G Datasheet
42Kb / 9P
5-V Voltage Regulator
logo
Infineon Technologies A...
TLE4287G INFINEON-TLE4287G Datasheet
158Kb / 13P
5-V Voltage Regulator
Version 1.3 2001-09-12
logo
Texas Instruments
TPL9202 TI-TPL9202 Datasheet
484Kb / 17P
8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
TPL9201 TI-TPL9201_07 Datasheet
624Kb / 19P
8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND ZERO-VOLT DETECTION
logo
ON Semiconductor
MDC3105 ONSEMI-MDC3105_1 Datasheet
426Kb / 2P
5 V Relay Driver Socket
Rev.0,Aug.2006
logo
Toshiba Semiconductor
TB9000AFG TOSHIBA-TB9000AFG Datasheet
242Kb / 11P
5 V Voltage Regulator with Watchdog Timer
TB9001FN TOSHIBA-TB9001FN Datasheet
278Kb / 9P
5 V Voltage Regulator with Watchdog Timer
TB9001FNG TOSHIBA-TB9001FNG Datasheet
280Kb / 9P
5 V Voltage Regulator with Watchdog Timer
logo
Texas Instruments
TPL9202 TI-TPL9202_1 Datasheet
696Kb / 20P
8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com