Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3903 Datasheet (PDF) - Allegro MicroSystems

A3903 Datasheet PDF - Allegro MicroSystems
Part # A3903
Download  A3903 Download
File Size   214.79 Kbytes
Page   8 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Low Voltage DC Motor Driver

A3903 Datasheet (PDF)

Go To PDF Page Download Datasheet
A3903 Datasheet PDF - Allegro MicroSystems

Part # A3903
Download  A3903 Click to download

File Size   214.79 Kbytes
Page   8 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Low Voltage DC Motor Driver

A3903 Datasheet (HTML) - Allegro MicroSystems


A3903 Product details

Description

The A3903 is a low voltage bidirectional DC motor driver with a typical input voltage range of 3 to 5.5 V and output currents up to 500 mA. The unique output full-bridge incorporates source side linear operation to allow a constant voltage across the motor coil. This regulated output minimizes motor voltage change due to I × R

DS(on) variation and battery voltage tolerance.



Features and Benefits

▪ Constant voltage operation (adjustable)

▪ 500 mA output peak rating

▪ Low power standby mode

▪ Small 2 mm × 2 mm, 0.55 mm nominal height DFN package

▪ Typical input voltage range of 3 to 5.5 V

▪ Adjustable constant voltage or PWM operation

▪ Less than 500 nA standby mode current

▪ –40 to 85 operating temperature range




Similar Part No. - A3903

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3903 ALLEGRO-A3903_16 Datasheet
224Kb / 8P
Low Voltage DC Motor Driver
More results


Similar Description - A3903

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8100N FAIRCHILD-FAN8100N Datasheet
268Kb / 14P
Low Voltage/Low Saturation 2-CH DC Motor Driver
logo
Allegro MicroSystems
A3908 ALLEGRO-A3908 Datasheet
235Kb / 8P
Low Voltage DC Motor Driver
A3918 ALLEGRO-A3918 Datasheet
226Kb / 8P
Low Voltage DC Motor Driver
A3918SESTR-T ALLEGRO-A3918SESTR-T Datasheet
226Kb / 8P
Low Voltage DC Motor Driver
A1444EEWLT-P ALLEGRO-A1444EEWLT-P Datasheet
405Kb / 9P
Low-Voltage Full-Bridge Brushless DC Motor Driver
A3903 ALLEGRO-A3903_16 Datasheet
224Kb / 8P
Low Voltage DC Motor Driver
A3908 ALLEGRO-A3908_16 Datasheet
247Kb / 8P
Low Voltage DC Motor Driver
A3918 ALLEGRO-A3918_16 Datasheet
226Kb / 8P
Low Voltage DC Motor Driver
logo
STMicroelectronics
STSPIN240 STMICROELECTRONICS-STSPIN240 Datasheet
654Kb / 26P
Low voltage dual brush DC motor driver
04-Nov-2016
STSPIN250 STMICROELECTRONICS-STSPIN250 Datasheet
531Kb / 26P
Low voltage brush DC motor driver
November 2016 Rev 2
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com