Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8426 Datasheet (PDF) - Allegro MicroSystems

A8426 Datasheet PDF - Allegro MicroSystems
Part # A8426
Download  A8426 Download
File Size   443.55 Kbytes
Page   16 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description High Performance Photoflash Capacitor Charger

A8426 Datasheet (PDF)

Go To PDF Page Download Datasheet
A8426 Datasheet PDF - Allegro MicroSystems

Part # A8426
Download  A8426 Click to download

File Size   443.55 Kbytes
Page   16 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description High Performance Photoflash Capacitor Charger

A8426 Datasheet (HTML) - Allegro MicroSystems


A8426 Product details

Description
The A8426 is a highly integrated IC that rapidly charges photoflash capacitors for SLR cameras, digital cameras, and camcorders with integrated digital cameras. A flexible IGBT driver is integrated to save board space.
The A8426 integrates a 3.2 A-capable, 55 V-rated DMOS switch that drives the transformer in flyback configuration, allowing optimized design with tight coupling and high efficiency. The peak switch current is user-adjustable between 1 and 3.2 A, using a resistor to ground. A proprietary control scheme optimizes the capacitor charging time. Low quiescent current and low-power Standby mode current further improve system efficiency and extend battery life.

Features and Benefits
▪ Wide battery voltage range: 1.5 to 11 V
▪ Integrated 55 V DMOS switch with 3.2 A current capability
▪ User-adjustable peak current limit, from 1 to 3.2 A
▪ Secondary-side voltage sensing for easily-adjustable
   output voltage
▪ >75% efficiency
▪ Fast charging time
▪ Charge complete indication
▪ Flexible, high current IGBT driver
   ▫ Independent IGBT driver supply
   ▫ Separate sink and source pins with 6 Ω pull-up and
      20 Ω pull-down
   ▫ Interlocked trigger pins improve noise immunity
▪ No primary-side Schottky diode needed

Applications include:
▪ SLR camera flash
▪ Digital camcorder/DSC combo flash
▪ 2 Li+ input strobe




Similar Part No. - A8426

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8426EESTR-T ALLEGRO-A8426EESTR-T Datasheet
445Kb / 16P
High Performance Photoflash Capacitor Charger with IGBT Driver
More results


Similar Description - A8426

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3468 LINER-LT3468 Datasheet
302Kb / 12P
Photoflash Capacitor Charger in ThinSOT
logo
Allegro MicroSystems
A8436 ALLEGRO-A8436 Datasheet
702Kb / 14P
Photoflash Capacitor Charger with IGBT Driver
logo
Aimtron Technology
AT1450 AIMTRON-AT1450 Datasheet
318Kb / 10P
Photoflash Capacitor Charger for DSC
AT1452 AIMTRON-AT1452 Datasheet
604Kb / 17P
Photoflash Capacitor Charger for DSC
AT1453 AIMTRON-AT1453 Datasheet
643Kb / 19P
Photoflash Capacitor Charger for DSC
AT1454 AIMTRON-AT1454 Datasheet
494Kb / 18P
Photoflash Capacitor Charger for DSC
logo
Allegro MicroSystems
A8425 ALLEGRO-A8425 Datasheet
439Kb / 16P
High Current Photoflash Capacitor Charger
A8426EESTR-T ALLEGRO-A8426EESTR-T Datasheet
445Kb / 16P
High Performance Photoflash Capacitor Charger with IGBT Driver
logo
Global Mixed-mode Techn...
G2132 GMT-G2132 Datasheet
25Kb / 1P
Photoflash Capacitor Charger for DSC
G2109 GMT-G2109 Datasheet
25Kb / 1P
Photoflash Capacitor Charger for DSC
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com