Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWL6951 Datasheet (PDF) - ANADIGICS, Inc

AWL6951 Datasheet PDF - ANADIGICS, Inc
Part # AWL6951
Download  AWL6951 Download
File Size   973.27 Kbytes
Page   22 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description 2.4/5 GHz 802.11a/b/g/n WLAN Power Amplifier

AWL6951 Datasheet (PDF)

Go To PDF Page Download Datasheet
AWL6951 Datasheet PDF - ANADIGICS, Inc

Part # AWL6951
Download  AWL6951 Click to download

File Size   973.27 Kbytes
Page   22 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description 2.4/5 GHz 802.11a/b/g/n WLAN Power Amplifier

AWL6951 Datasheet (HTML) - ANADIGICS, Inc


AWL6951 Product details

PRODUCT DESCRIPTION

The ANADIGICS AWL6951 dual band power amplifier is a high performance InGaP HBT power amplifier module designed for transmit applications in the 2.4-2.5 GHz and 4.9-5.9 GHz band. Matched to 50  at all RF inputs and outputs, the part requires no additional RF matching components off-chip, making the AWL6951 the world’s simplest dual band PA module implementation available. The PA exhibits unparalleled linearity and efficiency for IEEE 802.11g, 802.11b and 802.11a WLAN systems under the toughest signal configurations within these standards.



FEATURES

• 3.3 % EVM @ POUT = +19 dBm with IEEE 802.11a 64 QAM OFDM at 54 Mbps

• 2.9 % EVM @ POUT = +20 dBm with IEEE 802.11g 64 QAM OFDM at 54 Mbps

• -36 dBr ACPR 1st Sidelobe, +21 dBm, with 802.11b CCK/DSSS Root Cosine Filtering, 1 Mbps

• -54 dBr ACPR 2nd Sidelobe, +21 dBm, with 802.11b CCK/DSSS Root Cosine Filtering, 1 Mbps

• 32 dB of Linear Power Gain at 2.4 GHz

• 29 dB of Linear Power Gain at 5 GHz

• Single +3.3 V Supply

• Operational Voltage Range Extended to +4.4 V Max

• Dual Temperature-Compensated Linear Power Detectors

• 50 Ω - Matched RF Ports

• 1 kV ESD Rating (HBM)

• 4 mm x 4 mm x 1.3 mm Surface Mount Module



APPLICATIONS

• 802.11a/b/g/n WLAN: Notebooks, VoIP Handsets, PDA Mobile Phones



 




Similar Part No. - AWL6951

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6950 ANADIGICS-AWL6950 Datasheet
344Kb / 20P
2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
Rev 2.2
AWL6950RM21P0 ANADIGICS-AWL6950RM21P0 Datasheet
344Kb / 20P
2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
Rev 2.2
AWL6950RM21P6 ANADIGICS-AWL6950RM21P6 Datasheet
344Kb / 20P
2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
Rev 2.2
AWL6950RM21P8 ANADIGICS-AWL6950RM21P8 Datasheet
344Kb / 20P
2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
Rev 2.2
More results


Similar Description - AWL6951

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL9224 ANADIGICS-AWL9224 Datasheet
260Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
Rev 1.3
AWL6950 ANADIGICS-AWL6950 Datasheet
344Kb / 20P
2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
Rev 2.2
AWL9924 ANADIGICS-AWL9924 Datasheet
299Kb / 20P
2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
Rev 1.3
RFSP2023 ANADIGICS-RFSP2023 Datasheet
264Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
04/2005
RFSP5032 ANADIGICS-RFSP5032 Datasheet
168Kb / 12P
5 GHz 802.11a WLAN Power Amplifier
04/2006
logo
ATMEL Corporation
ATR3515 ATMEL-ATR3515 Datasheet
165Kb / 7P
5-GHz WLAN Power Amplifier for 802.11a
logo
ANADIGICS, Inc
AWL9966 ANADIGICS-AWL9966 Datasheet
579Kb / 18P
802.11a/b/g/n WLAN/Bluetooth FEIC
Rev 1.0
AWL9224 ANADIGICS-AWL9224_12 Datasheet
386Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
AWL9555 ANADIGICS-AWL9555 Datasheet
809Kb / 14P
802.11a/n WLAN Power Amplifier
logo
Keysight Technologies
M9077A KEYSIGHT-M9077A Datasheet
2Mb / 13P
M9077A WLAN 802.11a/b/g/n/ac
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com