Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD542 Datasheet (PDF) - Analog Devices

AD542 Datasheet PDF - Analog Devices
Part # AD542
Download  AD542 Download
File Size   374.32 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance, BiFET Operational Amplifiers

AD542 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD542 Datasheet PDF - Analog Devices

Part # AD542
Download  AD542 Click to download

File Size   374.32 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance, BiFET Operational Amplifiers

AD542 Datasheet (HTML) - Analog Devices


AD542 Product details

PRODUCT DESCRIPTION

The BiFET series of precision, monolithic FET-input op ampsare fabricated with the most advanced BiFET and laser trimming technologies. The AD542, AD544, AD547 series offers bias currents significantly lower than currently available BiFET devices, 25 pA max, warmed up.



FEATURES

  Ultralow Drift: 1 mV/8C (AD547L)

  Low Offset Voltage: 0.25 mV (AD547L)

  Low Input Bias Currents: 25 pA max

  Low Quiescent Current: 1.5 mA

  Low Noise: 2 mV p-p

  High Open Loop Gain: 110 dB

  High Slew Rate: 13 V/ms

  Fast Settling to 60.01%: 3 ms

  Low Total Harmonic Distortion: 0.0025%

  Available in Hermetic Metal Can and Die Form

  MIL-STD-883B Versions Available

  Dual Versions Available: AD642, AD644, AD647



 




Similar Part No. - AD542

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD542 AD-AD542 Datasheet
382Kb / 12P
High Performance, BiFET Operational Amplifiers
REV. B
AD5420 AD-AD5420 Datasheet
276Kb / 29P
Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrD
AD5420 AD-AD5420 Datasheet
291Kb / 30P
Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrE
AD5420 AD-AD5420 Datasheet
695Kb / 36P
Industrial Current/Voltage Output Driver
REV. D
AD5420 AD-AD5420 Datasheet
502Kb / 20P
Low Power HART Modem
REV. A
More results


Similar Description - AD542

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A Datasheet
287Kb / 12P
HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
1996 REV 0
MC33282 ONSEMI-MC33282 Datasheet
248Kb / 12P
HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
REV 0
logo
STMicroelectronics
LS404 STMICROELECTRONICS-LS404 Datasheet
209Kb / 12P
HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIERS
Dec-1997
logo
Sanyo Semicon Device
LA6462M SANYO-LA6462M Datasheet
107Kb / 5P
High-Performance Dual Operational Amplifiers
logo
Texas Instruments
LM107 TI-LM107 Datasheet
54Kb / 4P
HIGH-PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC1748 MOTOROLA-MC1748 Datasheet
842Kb / 4P
HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Sanyo Semicon Device
LA6358N SANYO-LA6358N_10 Datasheet
164Kb / 7P
High-Performance Dual Operational Amplifiers
logo
Analog Devices
AD542 AD-AD542_15 Datasheet
382Kb / 12P
High Performance, BiFET Operational Amplifiers
REV. B
AD544 AD-AD544_15 Datasheet
382Kb / 12P
High Performance, BiFET Operational Amplifiers
REV. B
AD547 AD-AD547_15 Datasheet
382Kb / 12P
High Performance, BiFET Operational Amplifiers
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com