Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N3889 Datasheet (PDF) - List of Unclassifed Manufacturers

1N3889 Datasheet PDF - List of Unclassifed Manufacturers
Part # 1N3889
Download  1N3889 Download
File Size   451.83 Kbytes
Page   2 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Silicon Fast Recovery Diode

1N3889 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N3889 Datasheet PDF - List of Unclassifed Manufacturers

Part # 1N3889
Download  1N3889 Click to download

File Size   451.83 Kbytes
Page   2 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Silicon Fast Recovery Diode

1N3889 Datasheet (HTML) - List of Unclassifed Manufacturers


1N3889 Product details

[GeneSiC Semiconductor, Inc.]

Features
• High Surge Capability
• Types up to 400 V VRRM




Similar Part No. - 1N3889

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3889 MICROSEMI-1N3889 Datasheet
111Kb / 2P
Fast Recovery Rectifier
logo
International Rectifier
1N3889 IRF-1N3889 Datasheet
2Mb / 10P
FAST RECOVERY DIODES
1N3889 IRF-1N3889 Datasheet
315Kb / 8P
6A, 12A AND 16A FAST RECOVERY RECTIFIERS
logo
Vishay Siliconix
1N3889 VISHAY-1N3889 Datasheet
2Mb / 11P
Fast Recovery Diodes(Stud Version)
26-Sep-08
logo
Microsemi Corporation
1N3889 MICROSEMI-1N3889 Datasheet
120Kb / 2P
Fast Recovery Rectifier
More results


Similar Description - 1N3889

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
FR85B05 GENESIC-FR85B05 Datasheet
737Kb / 3P
Silicon Fast Recovery Diode
FR16K05 GENESIC-FR16K05 Datasheet
746Kb / 3P
Silicon Fast Recovery Diode
FR20A02 GENESIC-FR20A02 Datasheet
690Kb / 3P
Silicon Fast Recovery Diode
1N3879 GENESIC-1N3879_16 Datasheet
746Kb / 3P
Silicon Fast Recovery Diode
FR6A02 GENESIC-FR6A02_16 Datasheet
768Kb / 3P
Silicon Fast Recovery Diode
FR6A05 GENESIC-FR6A05_16 Datasheet
823Kb / 3P
Silicon Fast Recovery Diode
FR30K05 GENESIC-FR30K05_16 Datasheet
682Kb / 3P
Silicon Fast Recovery Diode
FR40B02 GENESIC-FR40B02_16 Datasheet
683Kb / 3P
Silicon Fast Recovery Diode
FR85B05 GENESIC-FR85B05_16 Datasheet
751Kb / 3P
Silicon Fast Recovery Diode
FR40B05 GENESIC-FR40B05_18 Datasheet
775Kb / 3P
Silicon Fast Recovery Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com