Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C08A Datasheet (PDF) - List of Unclassifed Manufacturers

24C08A Datasheet PDF - List of Unclassifed Manufacturers
Part # 24C08A
Download  24C08A Download
File Size   322.04 Kbytes
Page   20 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description The FT24C04A/08A/16A series are 4096/8192/16384 bits of serial Electrical Erasable and Programmable Read Only Memory, commonly known as EEPROM. They are organized as 512/1024/2048 words of 8 bits (1 byte) each.

24C08A Datasheet (PDF)

Go To PDF Page Download Datasheet
24C08A Datasheet PDF - List of Unclassifed Manufacturers

Part # 24C08A
Download  24C08A Click to download

File Size   322.04 Kbytes
Page   20 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description The FT24C04A/08A/16A series are 4096/8192/16384 bits of serial Electrical Erasable and Programmable Read Only Memory, commonly known as EEPROM. They are organized as 512/1024/2048 words of 8 bits (1 byte) each.

24C08A Datasheet (HTML) - List of Unclassifed Manufacturers


24C08A Product details

[Fremont Micro Devices Inc.]



DESCRIPTION

The FT24C04A/08A/16A series are 4096/8192/16384 bits of serial Electrical Erasable and Programmable Read Only Memory, commonly known as EEPROM. They are organized as 512/1024/2048 words of 8 bits (1 byte) each. The devices are fabricated with proprietary advanced CMOS process for low power and low voltage applications. These devices are available in standard 8-lead DIP, 8-lead SOP, 8-lead TSSOP, 8-lead DFN, 8-lead MSOP, and 5-lead SOT-23/TSOT-23 packages. A standard 2-wire serial interface is used to address all read and write functions. Our extended VCC range (1.8V to 5.5V) devices enables wide spectrum of applications.



FEATURES

❐ Low voltage and low power operations:

   • FT24C04A/08A/16A: VCC = 1.8V to 5.5V

❐ Maximum Standby current < 1µA (typically 0.02µA and 0.06µA @ 1.8V and 5.5V respectively).

❐ 16 bytes page write mode.

❐ Partial page write operation allowed.

❐ Internally organized: 512  8 (4K), 1024  8 (8K), 2048  8 (16K).

❐ Standard 2-wire bi-directional serial interface.

❐ Schmitt trigger, filtered inputs for noise protection.

❐ Self-timed Write Cycle (5ms maximum).

❐ 1 MHz (5V), 400 kHz (1.8V, 2.5V, 2.7V) Compatibility.

❐ Automatic erase before write operation.

❐ Write protect pin for hardware data protection.

❐ High reliability: typically 1, 000,000 cycles endurance.

❐ 100 years data retention.

❐ Industrial temperature range (-40o C to 85o C).

❐ Standard 8-pin DIP/SOP/TSSOP/DFN/MSOP and 5-pin SOT-23/TSOT-23 Pb-free packages.



 




Similar Part No. - 24C08A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
24C08A ATMEL-24C08A Datasheet
182Kb / 13P
2-Wire Serial EEPROM
logo
List of Unclassifed Man...
24C08A ETC2-24C08A Datasheet
322Kb / 20P
Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
24C08A ETC2-24C08A Datasheet
322Kb / 20P
Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
logo
ATMEL Corporation
24C08A ATMEL-24C08A Datasheet
257Kb / 20P
Schmitt Trigger, Filtered Inputs for Noise Suppression
More results


Similar Description - 24C08A

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AM93LC66 ANACHIP-AM93LC66 Datasheet
188Kb / 10P
4096-bits Serial Electrically Erasable PROM
Rev.A1 Oct 20, 2003
logo
Texas Instruments
JBP18S030 TI-JBP18S030 Datasheet
270Kb / 7P
256 BITS (32 WORDS BY 8 BITS) PROGRAMMABLE READ-ONLY MEMORIES
logo
LG Semicon Co.,Ltd.
GM76C88AL LG-GM76C88AL Datasheet
560Kb / 11P
65,536 Bit static random access memory organized as 8,192 words by 8 bits using CMOS
logo
Elpida Memory
EDE1104AASE ELPIDA-EDE1104AASE Datasheet
697Kb / 65P
1G bits DDR2 SDRAM organized as 33,554,432 words x 8 banks.
logo
Catalyst Semiconductor
CAT24FC02 CATALYST-CAT24FC02 Datasheet
448Kb / 10P
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each
logo
List of Unclassifed Man...
TC57512AD-15 ETC1-TC57512AD-15 Datasheet
675Kb / 13P
65,536 WORDS x 8 BITS CMOS UV ERASABLE AND ELECTRICALLY PROGRAMMABLE READ ONLY MEMORY
logo
Anachip Corp
AM93LC86 ANACHIP-AM93LC86 Datasheet
215Kb / 12P
16384-bits Serial Electrically Erasable PROM
Rev 0.1 Oct 20, 2003
logo
SHANGHAI BELLING CO., L...
BL93C46 BELLING-BL93C46 Datasheet
384Kb / 12P
The BL93C46 provides 1024 bits of serial electrically erasable programmable read only memory
logo
List of Unclassifed Man...
FT24C02A ETC2-FT24C02A Datasheet
303Kb / 20P
The FT24C02A is 2048 bits of serial Electrical Erasable and Programmable Read Only Memory, commonly known as EEPROM.
logo
Renesas Technology Corp
R1EX25008ASA00A RENESAS-R1EX25008ASA00A Datasheet
610Kb / 24P
Serial Peripheral Interface 8k EEPROM (1024-word × 8-bit) 16k EEPROM (2048-word × 8-bit) Electrically Erasable and Programmable Read Only Memory
Jul.22.2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com