Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD565A Datasheet (PDF) - Analog Devices

AD565A Datasheet PDF - Analog Devices
Part # AD565A
Download  AD565A Download
File Size   152.21 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed 12-Bit Monolithic D/A Converters

AD565A Datasheet (PDF)

Go To PDF Page Download Datasheet
AD565A Datasheet PDF - Analog Devices

Part # AD565A
Download  AD565A Click to download

File Size   152.21 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed 12-Bit Monolithic D/A Converters

AD565A Datasheet (HTML) - Analog Devices


AD565A Product details

PRODUCT DESCRIPTION
The AD565A and AD566A are fast 12-bit digital-to-analog converters that incorporate the latest advances in analog circuit design to achieve high speeds at low cost.
The AD565A and AD566A use 12 precision, high-speed bipolar current-steering switches, control amplifier and a laser-trimmed thin-film resistor network to produce a very fast, high accuracy analog output current. The AD565A also includes a buried Zener reference that features low-noise, long-term stability and temperature drift characteristics comparable to the best discrete reference diodes.
The combination of performance and flexibility in the AD565A and AD566A has resulted from major innovations in circuit design, an important new high-speed bipolar process, and continuing advances in laser-wafer-trimming techniques (LWT). The AD565A and AD566A have a 10–90% full-scale transition time less than 35 ns and settle to within ±1/2 LSB in 250 ns max (350 ns for AD566A). Both are laser-trimmed at the wafer level to ±1/8 LSB typical linearity and are specified to ±1/4 LSB max error (K and T grades) at +25°C. High speed and accuracy make the AD565A and AD566A the ideal choice for high-speed display drivers as well as fast analog-to-digital converters.

FEATURES
  Single Chip Construction
  Very High-Speed Settling to 1/2 LSB
     AD565A: 250 ns max
     AD566A: 350 ns max
  Full-Scale Switching Time: 30 ns
  Guaranteed for Operation with ±12 V Supplies:
     AD565A with –12 V Supply: AD566A
  Linearity Guaranteed Over Temperature:
     1/2 LSB max (K, T Grades)
  Monotonicity Guaranteed Over Temperature
  Low Power: AD566A = 180 mW max;
                      AD565A = 225 mW max
  Use with On-Board High-Stability Reference (AD565A) or with External Reference (AD566A)
  Low Cost
  MlL-STD-883-Compliant Versions Available




Similar Part No. - AD565A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD565A AD-AD565A Datasheet
244Kb / 13P
High Speed 12-Bit Monolithic D/A Converters
23-Feb-2017
AD565AJD AD-AD565AJD Datasheet
244Kb / 13P
High Speed 12-Bit Monolithic D/A Converters
23-Feb-2017
AD565AJR AD-AD565AJR Datasheet
244Kb / 13P
High Speed 12-Bit Monolithic D/A Converters
23-Feb-2017
AD565AJRZ AD-AD565AJRZ Datasheet
244Kb / 13P
High Speed 12-Bit Monolithic D/A Converters
23-Feb-2017
AD565AJRZ-REEL AD-AD565AJRZ-REEL Datasheet
244Kb / 13P
High Speed 12-Bit Monolithic D/A Converters
23-Feb-2017
More results


Similar Description - AD565A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD568 AD-AD568 Datasheet
541Kb / 14P
12-Bit Ultrahigh Speed Monolithic D/A Converter
logo
Intersil Corporation
HI-DAC80V INTERSIL-HI-DAC80V Datasheet
68Kb / 7P
12-Bit, Low Cost, Monolithic D/A Converters
August 1997
logo
Maxim Integrated Produc...
MX565A MAXIM-MX565A Datasheet
341Kb / 8P
High Speed 12-Bit Monolithic D/A Converters
logo
Integrated Circuit Syst...
ADC84 ICST-ADC84 Datasheet
922Kb / 6P
High-speed, 12-bit A/D Converters
logo
API Technologies Corp
ADC84 APITECH-ADC84 Datasheet
927Kb / 6P
High-speed, 12-bit A/D Converters
logo
Analog Devices
AD565 AD-AD565_15 Datasheet
1,010Kb / 3P
COMPLETE HIGH SPEED 12 BIT MONOLITHIC D/A CONVERTER
AD565A AD-AD565A_15 Datasheet
182Kb / 12P
High Speed 12-Bit Monolithic D/A Converters
REV. E
AD566A AD-AD566A_15 Datasheet
182Kb / 12P
High Speed 12-Bit Monolithic D/A Converters
REV. E
AD568 AD-AD568_15 Datasheet
544Kb / 14P
12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
AD565A AD-AD565A_17 Datasheet
244Kb / 13P
High Speed 12-Bit Monolithic D/A Converters
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com