Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H134 Datasheet (PDF) - Hi-Sincerity Mocroelectronics

H134 Datasheet PDF - Hi-Sincerity Mocroelectronics
Part # H134
Download  H134 Download
File Size   268.83 Kbytes
Page   8 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description Constant Voltage and Constant Current Control

H134 Datasheet (PDF)

Go To PDF Page Download Datasheet
H134 Datasheet PDF - Hi-Sincerity Mocroelectronics

Part # H134
Download  H134 Click to download

File Size   268.83 Kbytes
Page   8 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description Constant Voltage and Constant Current Control

H134 Datasheet (HTML) - Hi-Sincerity Mocroelectronics


H134 Product details

General Description

The H134 is a highly integrated solution for a constant voltage/constant current mode SMPS application. The H134 contains one 1.21V voltage reference with ± 0.5% accuracy, one current sensing circuit and two operational amplifiers. Combining the voltage reference with one operational amplifier makes H134 an ideal voltage controller for use in adapters and battery chargers. The other low voltage reference combined with the other operational amplifier makes it an ideal current limiter for output low side current sensing.

The H134 is available in SOT-23-6L( TSOP-6 ) package.



Features

· Constant Voltage and Constant Current Control

· Precision Internal Voltage Reference

· Few External Components

· Easy Compensation

· Low Supply Current

· Operating Temperature Range: -40 to 105℃



Applications

· Adapters

· Battery Chargers




Similar Part No. - H134

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
H1344 EMMICRO-H1344 Datasheet
217Kb / 6P
CMOS Circuit for Analog Quartz Clocks with Bipolar Stepping Motor Drive
H1344V143DL8A EMMICRO-H1344V143DL8A Datasheet
217Kb / 6P
CMOS Circuit for Analog Quartz Clocks with Bipolar Stepping Motor Drive
H1344V143SO8A EMMICRO-H1344V143SO8A Datasheet
217Kb / 6P
CMOS Circuit for Analog Quartz Clocks with Bipolar Stepping Motor Drive
H1344V143SO8B EMMICRO-H1344V143SO8B Datasheet
217Kb / 6P
CMOS Circuit for Analog Quartz Clocks with Bipolar Stepping Motor Drive
H1344V38DL8A EMMICRO-H1344V38DL8A Datasheet
217Kb / 6P
CMOS Circuit for Analog Quartz Clocks with Bipolar Stepping Motor Drive
More results


Similar Description - H134

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62237FP RENESAS-M62237FP Datasheet
1Mb / 4P
CONSTANT VOLTAGE CONSTANT CURRENT CONTROL IC
M62237FP RENESAS-M62237FP_07 Datasheet
109Kb / 7P
Constant Voltage Constant Current Control IC
logo
Seaward Electronics Inc...
SE1052 SEAWARD-SE1052 Datasheet
288Kb / 8P
Constant Voltage and Constant Current Controller
logo
Hi-Sincerity Mocroelect...
H234 HSMC-H234 Datasheet
257Kb / 8P
Constant Voltage and Constant Current Control
logo
BCD Semiconductor Manuf...
AP4306 BCDSEMI-AP4306 Datasheet
705Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313 BCDSEMI-AP4313_10 Datasheet
685Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Unisonic Technologies
UM608 UTC-UM608_15 Datasheet
221Kb / 4P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Diodes Incorporated
AP4312Q DIODES-AP4312Q Datasheet
562Kb / 11P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 4
AP4305 DIODES-AP4305 Datasheet
451Kb / 10P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
AP4313 DIODES-AP4313 Datasheet
359Kb / 9P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
More results




About Hi-Sincerity Mocroelectronics


Hi-Sincerity Microelectronics is a semiconductor company based in Taiwan that designs and manufactures a wide range of analog and mixed-signal integrated circuits (ICs) for various applications. The company was founded in 1998 and has since become a leading provider of analog ICs in Asia.

Hi-Sincerity's product portfolio includes power management ICs, audio amplifiers, LED drivers, motor controllers, and other analog and mixed-signal ICs. The company's products are used in a variety of end markets, including consumer electronics, automotive, industrial, and communication systems.

One of Hi-Sincerity's strengths is its ability to develop customized solutions for customers with specific requirements. The company has a team of experienced engineers who work closely with customers to understand their needs and develop tailored solutions that meet their specifications.

In addition to its design and development capabilities, Hi-Sincerity also has strong manufacturing capabilities. The company operates a modern semiconductor fabrication facility in Taiwan that is capable of producing a wide range of analog and mixed-signal ICs using advanced process technologies.

Hi-Sincerity is committed to quality and reliability, and its products are widely recognized for their performance and reliability. The company has received numerous awards and certifications for its quality management systems and environmental management systems, including ISO 9001, ISO 14001, and IATF 16949.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com